Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5175PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 4 Page - Texas Instruments

  LM5175PWPR Datasheet HTML 1Page - Texas Instruments LM5175PWPR Datasheet HTML 2Page - Texas Instruments LM5175PWPR Datasheet HTML 3Page - Texas Instruments LM5175PWPR Datasheet HTML 4Page - Texas Instruments LM5175PWPR Datasheet HTML 5Page - Texas Instruments LM5175PWPR Datasheet HTML 6Page - Texas Instruments LM5175PWPR Datasheet HTML 7Page - Texas Instruments LM5175PWPR Datasheet HTML 8Page - Texas Instruments LM5175PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions
PIN
DESCRIPTION
NAME
HTSSOP
QFN
EN/UVLO
1
26
Enable pin. For EN/UVLO < 0.4 V, the LM5175 is in a low current shutdown mode. For 0.7 V <
EN/UVLO < 1.23 V, the controller operates in standby mode in which the VCC regulator is enabled but
the PWM controller is not switching. For EN/UVLO > 1.23 V, the PWM function is enabled, provided
VCC exceeds the VCC UV threshold.
VIN
2
27
The input supply pin to the IC. Connect VIN to a supply voltage between 3.5 V and 42 V.
VISNS
3
28
VIN sense input. Connect to the input capacitor.
MODE
4
1
Mode = GND, DCM, Hiccup Disabled
(Set RMODE resistor to GND = 0 Ω)
Mode = 1.00 V, DCM, Hiccup Enabled
(Set RMODE resistor to GND = 49.9 kΩ)
Mode = 1.85 V, CCM, Hiccup Enabled
(Set RMODE resistor to GND = 93.1 kΩ)
Mode = VCC, CCM, Hiccup Disabled
(Set RMODE resistor to VCC = 0 Ω)
DITH
5
2
A capacitor connected between the DITH pin and AGND is charged and discharged with a 10 uA
current source. As the voltage on the DITH pin ramps up and down the oscillator frequency is
modulated between –5% and +5% of the nominal frequency set by the RT resistor. Grounding the
DITH pin will disable the dithering feature. In the external Sync mode, the DITH pin voltage is ignored.
RT/SYNC
6
3
Switching frequency programming pin. An external resistor is connected to the RT/SYNC pin and
AGND to set the switching frequency. This pin can also be used to synchronize the PWM controller to
an external clock.
SLOPE
7
4
A capacitor connected between the SLOPE pin and AGND provides the slope compensation ramp for
stable current mode operation in both buck and boost mode.
SS
8
5
Soft-start programming pin. A capacitor between the SS pin and AGND pin programs soft-start time.
COMP
9
6
Output of the error amplifier. An external RC network connected between COMP and AGND
compensates the regulator feedback loop.
AGND
10
7
Analog ground of the IC.
FB
11
8
Feedback pin for output voltage regulation. Connect a resistor divider network from the output of the
converter to the FB pin.
VOSNS
12
9
VOUT sense input. Connect to the output capacitor.
ISNS(–)
ISNS(+)
13
14
10
11
Input or Output Current Sense Amplifier inputs. An optional current sense resistor connected between
ISNS(+) and ISNS(–) can be located either on the input side or on the output side of the converter. If
the sensed voltage across the ISNS(+) and ISNS(-) pins reaches 50 mV, a slow Constant Current (CC)
control loop becomes active and starts discharging the soft-start capacitor to regulated the drop across
ISNS(+) and ISNS(-) to 50 mV. Short ISNS(+) and ISNS(-) together to disable this feature.
CSG
15
12
The negative or ground input to the PWM current sense amplifier. Connect directly to the low-side
(ground) of the current sense resistor.
CS
16
13
The positive input to the PWM current sense amplifier.
PGOOD
17
14
Power Good open drain output. PGOOD is pulled low when FB is outside a 0.8 V ±10% regulation
window.
SW2
SW1
18
28
15
25
The boost and the buck side switching nodes respectively.
HDRV2
HDRV1
19
27
16
24
Output of the high-side gate drivers. Connect directly to the gates of the high-side MOSFETs.
BOOT2
BOOT1
20
26
17
23
An external capacitor is required between the BOOT1, BOOT2 pins and the SW1, SW2 pins
respectively to provide bias to the high-side MOSFET gate drivers.
LDRV2
LDRV1
21
25
18
22
Output of the low-side gate drivers. Connect directly to the gates of the low-side MOSFETs.
PGND
22
19
Power ground of the IC. The high current ground connection to the low-side gate drivers.
VCC
23
20
Output of the VCC bias regulator. Connect capacitor to ground.
BIAS
24
21
Optional input to the VCC bias regulator. Powering VCC from an external supply instead of VIN can
reduce power loss at high VIN. For VBIAS > 8 V, the VCC regulator draws power from the BIAS pin. The
BIAS pin voltage must not exceed 40 V.
PowerPAD
™
-
-
The PowerPAD should be soldered to the analog ground. If possible, use thermal vias to connect to a
PCB ground plane for improved power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com