Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5175PWPR Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 20Page - Texas Instruments LM5175PWPR Datasheet HTML 21Page - Texas Instruments LM5175PWPR Datasheet HTML 22Page - Texas Instruments LM5175PWPR Datasheet HTML 23Page - Texas Instruments LM5175PWPR Datasheet HTML 24Page - Texas Instruments LM5175PWPR Datasheet HTML 25Page - Texas Instruments LM5175PWPR Datasheet HTML 26Page - Texas Instruments LM5175PWPR Datasheet HTML 27Page - Texas Instruments LM5175PWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
DITH
MOD
10 A
C
F
0.24 V
P
u
SS
ss
0.8 V C
t
5 A
u
P
UV2
UV1
IN
UV2
UV
R
1.23 V
R
59.5 k
V
1.5 A R
1.23 V
u
:
P u
SLOPE
SLOPE
SENSE
CS
L1
4.7 H
C
gm
2 S
235 pF
R
A
8 m
5
P
u
P u
u
: u
2
IN(MIN)
RSENSE(MAX)
SENSE
SENSE
OUT
V
170mV
P
R
1
1.8 W
R
V
§
·
§
·
˜
˜ ¨
¸
¨
¸
¨
¸
©
¹
©
¹
24
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
The maximum power dissipation in RSENSE happens at VIN(MIN):
(24)
Based on this, select the current sense resistor with power rating of 2 W or higher.
For some application circuits, it may be required to add a filter network to attenuate noise in the CS and CSG
sense lines. Please see Figure 24 for typical values. The filter resistance should not exceed 100 Ω.
9.2.2.8 Slope Compensation
For stable current loop operation and to avoid sub-harmonic oscillations, the slope capacitor should be selected
based on Equation 25:
(25)
This slope compensation results in “dead-beat” operation, in which the current loop disturbances die out in one
switching cycle. Theoretically a current mode loop is stable with half the “dead-beat” slope (twice the calculated
slope capacitor value in Equation 25). A smaller slope capacitor results in larger slope signal which is better for
noise immunity in the transition region (VIN~VOUT). A larger slope signal, however, restricts the achievable input
voltage range for a given output voltage, switching frequency, and inductor. For this design CSLOPE = 100 pF is
selected for better transition region behavior while still providing the required VIN range. This selection of slope
capacitor, inductor, switching frequency, and inductor satisfies the COMP range limitation explained in Gm Error
Amplifier section.
9.2.2.9 UVLO
The UVLO resistor divider must be designed for turn-on below 6V. Selecting a RUV2 = 249 kΩ gives a UVLO
hysteresis of 0.8 V. The lower UVLO resistor is the selected using Equation 26:
(26)
A standard value of 59.0 kΩ is selected for RUV1.
When programming the UVLO threshold for lower input voltage operation, it is important to choose MOSFETs
with gate (Miller) plateau voltage lower than the minimum VIN.
9.2.2.10 Soft-Start Capacitor
The soft-start time is programmed using the soft-start capacitor. The relationship between CSS and the soft-start
time is given by:
(27)
CSS = 0.1 µF gives a soft-start time of 16 ms.
9.2.2.11 Dither Capacitor
The dither capacitor sets the modulation frequency of the frequency dithering around the nominal switching
frequency. A larger CDITH results in lower modulation frequency. For proper operation the modulation frequency
(FMOD) must be much lower than the switching frequency. Use Equation 28 to select CDITH for the target
modulation frequency.
(28)
For the current design dithering is not being implemented. Therefore a 0
Ω resistor from the DITH pin to AGND
disables this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com