Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567CM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM567CM/NOPB
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567CM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM567CM/NOPB Datasheet HTML 9Page - Texas Instruments LM567CM/NOPB Datasheet HTML 10Page - Texas Instruments LM567CM/NOPB Datasheet HTML 11Page - Texas Instruments LM567CM/NOPB Datasheet HTML 12Page - Texas Instruments LM567CM/NOPB Datasheet HTML 13Page - Texas Instruments LM567CM/NOPB Datasheet HTML 14Page - Texas Instruments LM567CM/NOPB Datasheet HTML 15Page - Texas Instruments LM567CM/NOPB Datasheet HTML 16Page - Texas Instruments LM567CM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
10.2.1.1 Design Requirements
PARAMETERS
VALUES
Supply Voltage Range
3.5 V to 8.5 V
Input Voltage Range
20 mVRMS to VCC + 0.5
Input Frequency
1 Hz to 500 kHz
Output Current
Max. 15 mA
10.2.1.2 Detailed Design Procedure
10.2.1.2.1 Timing Components
To calculate the timing components for an approximated desired central detection frequency (f0), the timing
capacitor value (C1) should be stated in order to calculate the timing resistor value (R1). Typically for most
applications, a 0.1-µF capacitor is used.
fo = 1 / (1.1 × R1 × C1)
(2)
10.2.1.2.2 Bandwidth
Detection bandwidth is represented as a percentage of f0. It can be selected based on the input voltage levels
(Vi). For Vi < 200 mVRMS,
(3)
For Vi > 200 mVRMS, refer to Table 9-2 or Figure 7-5.
10.2.1.2.3 Output Filter
The output filter selection is made considering the capacitor value to be at least twice the Loop filter capacitor.
C3 ≥ 2C2
(4)
10.2.1.3 Application Curve
IN (PIN 3)
OUT (PIN 8)
Figure 10-2. Frequency Detection
www.ti.com
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM567 LM567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com