Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567CM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM567CM/NOPB
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567CM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM567CM/NOPB Datasheet HTML 1Page - Texas Instruments LM567CM/NOPB Datasheet HTML 2Page - Texas Instruments LM567CM/NOPB Datasheet HTML 3Page - Texas Instruments LM567CM/NOPB Datasheet HTML 4Page - Texas Instruments LM567CM/NOPB Datasheet HTML 5Page - Texas Instruments LM567CM/NOPB Datasheet HTML 6Page - Texas Instruments LM567CM/NOPB Datasheet HTML 7Page - Texas Instruments LM567CM/NOPB Datasheet HTML 8Page - Texas Instruments LM567CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM567x Tone Decoder
1 Features
• 20 to 1 Frequency Range With an External
Resistor
• Logic Compatible Output With 100-mA Current
Sinking Capability
• Bandwidth Adjustable From 0 to 14%
• High Rejection of Out of Band Signals and Noise
• Immunity to False Signals
• Highly Stable Center Frequency
• Center Frequency Adjustable from 0.01 Hz to
500 kHz
2 Applications
• Touch Tone Decoding
• Precision Oscillator
• Frequency Monitoring and Control
• Wide Band FSK Demodulation
• Ultrasonic Controls
• Carrier Current Remote Controls
• Communications Paging Decoders
3 Description
The LM567 and LM567C are general purpose tone
decoders designed to provide a saturated transistor
switch to ground when an input signal is present
within the passband. The circuit consists of an I and Q
detector driven by a voltage controlled oscillator which
determines the center frequency of the decoder.
External components are used to independently set
center frequency, bandwidth and output delay.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM567C
SOIC (8)
4.90 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Diagram
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM567CM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM567CM/NOPB TI1-LM567CM/NOPB Datasheet
1Mb / 18P
Tone Decoder
More results

Similar Description - LM567CM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
Tone Decoder
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
Low Power Tone Decoder
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
PLL tone decoder IC
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
TONE DECODER
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
Micropower Tone Decoder
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
Tone Decoder
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
Tone Decoder
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
Low-Power Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com