Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM567CM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM567CM/NOPB
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567CM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM567CM/NOPB Datasheet HTML 1Page - Texas Instruments LM567CM/NOPB Datasheet HTML 2Page - Texas Instruments LM567CM/NOPB Datasheet HTML 3Page - Texas Instruments LM567CM/NOPB Datasheet HTML 4Page - Texas Instruments LM567CM/NOPB Datasheet HTML 5Page - Texas Instruments LM567CM/NOPB Datasheet HTML 6Page - Texas Instruments LM567CM/NOPB Datasheet HTML 7Page - Texas Instruments LM567CM/NOPB Datasheet HTML 8Page - Texas Instruments LM567CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Device Comparison
Table 5-1. Device Comparison
DEVICE NAME
DESCRIPTION
LM567, LM567C
General Purpose Tone Decoder
LMC567
Same as LM567C, but lower power supply current consumption and double oscillator frequency
6 Pin Configuration and Functions
Figure 6-1. 8-Pin PDIP (P) and SOIC (D) Package Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
7
P
Circuit ground.
IN
3
I
Device input.
LF_CAP
2
I
Loop filter capacitor pin (LPF of the PLL).
OUT
8
O
Device output.
OF_CAP
1
I
Output filter capacitor pin.
T_CAP
6
I
Timing capacitor connection pin.
T_RES
5
I
Timing resistor connection pin.
VCC
4
P
Voltage supply pin.
www.ti.com
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM567 LM567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com