Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6484AIMX/NOPB.B Datasheet(PDF) 17 Page - Texas Instruments

Part # LMC6484AIMX/NOPB.B
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIMX/NOPB.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMC6484AIMX/NOPB.B Datasheet HTML 13Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 14Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 15Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 16Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 17Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 18Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 19Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 20Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
6 Detailed Description
6.1 Overview
The LMC648x are CMOS operational amplifiers that supports both rail-to-rail inputs and outputs. The device
operates in both dual-supply mode and single-supply mode.
6.2 Functional Block Diagram
Rail-to-rail
common-
mode and
differential
front end
Ultra-low
Bias
Rail-to-Rail
IN+
IN
OUT
LMC648x
6.3 Feature Description
6.3.1 Amplifier Topology
The LMC648x are true rail-to-rail input operational amplifiers with an input common-mode range that extends
300mV beyond either supply rail. When the input common-mode voltage swings to about 3V from the positive
rail, some dc specifications, namely offset voltage, can be slightly degraded. Figure 6-1 illustrates this behavior.
The LMC648x incorporate a specially designed input stage to reduce the inherent accuracy problems seen in
other rail-to-rail input amplifiers. The LMC648x input stage design is complemented by an output stage capable
of rail-to-rail output swing even when driving a large load.
Common-Mode Voltage (V)
-8 -7 -6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
8
-3000
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
V
−= −7.5V, V+ = 7.5V
Figure 6-1. Input Offset Voltage vs Common-Mode Voltage
www.ti.com
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com