Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6484AIMX/NOPB.B Datasheet(PDF) 23 Page - Texas Instruments

Part # LMC6484AIMX/NOPB.B
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIMX/NOPB.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMC6484AIMX/NOPB.B Datasheet HTML 19Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 20Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 21Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 22Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 23Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 24Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 25Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 26Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
7.2.1.2.2 Capacitive Load Tolerance
The LMC648x can typically directly drive a 100pF load with VS = 15V at unity gain without oscillating. The unity
gain follower is the most sensitive configuration. Direct capacitive loading reduces the phase margin of op amps.
The combination of the output impedance of the op-amp and the capacitive load induces phase lag. This results
in either an underdamped pulse response or oscillation.
Figure 7-10 shows how improved frequency response is achieved by indirectly driving capacitive loads.
+
–
LMC648x
VIN
VOUT
C1 = 100pF
R1 = 300
CL = 330pF
10k
NOTE: Compensated to handle a 330pF capacitive load.
Figure 7-10. LMC648x Noninverting Amplifier
R1 and C1 serve to counteract the loss of phase margin by feeding forward the high-frequency component of the
output signal back to the amplifiers inverting input, thereby preserving phase margin in the overall feedback loop.
The values of R1 and C1 are experimentally determined for the desired pulse response. Figure 7-11 shows the
resulting pulse response.
Figure 7-11. Pulse Response of LMC6482 Circuit in Figure 7-10
www.ti.com
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com