Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6484AIMX/NOPB.B Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC6484AIMX/NOPB.B
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIMX/NOPB.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6484AIMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 10Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 11Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 12Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
5.7 Electrical Characteristics: VS = 3V
at TJ = +25°C, V+ = 3V, V– = 0V, VCM = VOUT = V+ / 2, and RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC SPECS
VOS
Input offset voltage
LMC648xAI
±0.9
±2
mV
TA = –40°C to +85°C
±2.7
LMC648xI
±0.9
±3
TA = –40°C to +85°C
±3.7
dVOS/dT
Input offset voltage drift
TA = –40°C to +85°C
±2
µV/°C
IB
Input bias current
±0.02
pA
IOS
Input offset current
±0.01
pA
CMRR
Common-mode rejection
ratio
0V < VCM < 3V
LMC648xAI
60
74
dB
LMC648xI
55
74
PSRR
Power-supply rejection
ratio
3V < V+ < 15V, V– = 0V
LMC648xAI
68
80
dB
LMC648xI
60
80
VCM
Input common-mode
voltage
For CMRR ≥ 50dB
Low
(V–) – 0.25
0
V
High
(V+) (V+) + 0.25
VO
Voltage output swing
RL = 2kΩ to V+ / 2
Swing high
2.8
V
Swing low
0.2
RL = 600Ω to V+ / 2
Swing high
2.5
2.7
Swing low
0.37
0.6
IS
Supply current
Per amplifier
LMC6482
0.4125
0.6
mA
LMC6484
0.4125
0.625
TA = –40°C to +85°C
0.75
AC SPECS
SR
Slew rate(1)
Voltage follower with 2V step input
0.9
V/µs
GBW
Gain bandwidth
1
MHz
THD
Total harmonic distortion f = 10kHz, AV = –2, RL = 10kΩ, VO = 2VPP
0.02
%
(1)
Number specified is the slower of either the positive or negative slew rates.
www.ti.com
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com