Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1090 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STA1090
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1090 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STA1090 Datasheet HTML 59Page - STMicroelectronics STA1090 Datasheet HTML 60Page - STMicroelectronics STA1090 Datasheet HTML 61Page - STMicroelectronics STA1090 Datasheet HTML 62Page - STMicroelectronics STA1090 Datasheet HTML 63Page - STMicroelectronics STA1090 Datasheet HTML 64Page - STMicroelectronics STA1090 Datasheet HTML 65Page - STMicroelectronics STA1090 Datasheet HTML 66Page - STMicroelectronics STA1090 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
DS13319 Rev 2
63/127
STA108x, STA109x
Electrical Characteristics
126
4.8
Sound Subsystem
4.8.1
ADC1: Microphone
 ADC Electrical Characteristics
Table 28. MICADC electrical characteristics
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
VASupply
SR Analog Supply
3.0
3.3
3.6
V
Vin
S
Differential Analog Input
-
5.6(1)
2.0(1)
-
Vp-p
Vrms
Vin
SR Single ended Analog Input
-
2.8(1)
1.0(1)
-
Vp-p
Vrms
Vcom
P
DC coupled Input common mode
AC coupled input common mode
1.5
0
1.65
1.65
1.8
3.3
V
SNR
V
Differential mode Signal to Noise ratio
(A-weighted, Output rate 48 kHz, BW = 20 kHz)
86
-
-
dB
SNR
V
Differential mode Signal to Noise ratio
(Unweighted, Output rate 48 kHz, BW = 3.2 kHz)
88
-
-
dB
SNR
V
Single ended mode Signal to Noise ratio
(A-weighted, Output rate 48 kHz, BW = 20 kHz)
80
-
-
dB
SNR
V
Single ended mode Signal to Noise ratio (Unweighted,
Output rate 48 kHz, BW = 3.2 kHz)
81
-
-
dB
THD + N
V
Differential mode Total harmonic distortion + Noise
-80
-85
-
dB
THD + N
V
Single ended mode Total harmonic distortion + Noise
-74
-79
-
dB
VMIC_BIAS
P
MIC_BIAS
-
2.5(2)
-V
IMIC_BIAS
V
Current through MIC_BIAS
-
-
2
mA
IDD_AMICADC C Analog current consumption
-
6.5
-
mA
1. Max possible tolerable variation +/-5 %.
2. Max variation due to process mismatch +/- 5 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com