Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1090 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STA1090
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1090 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STA1090 Datasheet HTML 62Page - STMicroelectronics STA1090 Datasheet HTML 63Page - STMicroelectronics STA1090 Datasheet HTML 64Page - STMicroelectronics STA1090 Datasheet HTML 65Page - STMicroelectronics STA1090 Datasheet HTML 66Page - STMicroelectronics STA1090 Datasheet HTML 67Page - STMicroelectronics STA1090 Datasheet HTML 68Page - STMicroelectronics STA1090 Datasheet HTML 69Page - STMicroelectronics STA1090 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 127 page
background image
Electrical Characteristics
STA108x, STA109x
66/127
DS13319 Rev 2
4.8.3
DAC Electrical Characteristics
Figure 9. DAC Output Equivalent Circuit
Table 30. DAC Electrical Characteristics
Symbol
Parameter
Limit values
Unit
Min
Typ
Max
VASupply
SR
Analog Supply
3.0
3.3
3.6
V
Vrms(1)
V
Analog RMS output
741
780
819
mVrms
Vrms(2)
V
Analog RMS output
693
730
766
mVrms
Vcom
P-
1.45(3)
-V
Cmax
SR
Maximum output load
-
-
10
pF
Rmin
SR
Minimum output resistance
10
-
-
KΩ
SNR
V
Signal to Noise ratio
(A-weighted, BW = 20 kHz, 1 kHz, -60 dBFs)
98
103
-
dB
THD + N
V
Total harmonic distortion + Noise
(A-weighted, BW = 20 kHz, 1 kHz, 0dbFS)
-84
-90
-
dB
IDD_ADAC
C
Analog current consumption of single DAC
-
-
8
mA
1. No external load resistance.
2. External load resistance: 500
 series on 10 k next stage (10/10.5 partition).
3. Max variation due to process mismatch +/- 5 %.
Rs = 100 Ohm
+
_
DAC_IO_AGND
DAC_IO_AVDD
DAC_OUT0L
DAC_OUT0R
DAC_OUT1L
DAC_OUT1R
DAC_OUT2L
DAC_OUT2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com