Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1090 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STA1090
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1090 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STA1090 Datasheet HTML 75Page - STMicroelectronics STA1090 Datasheet HTML 76Page - STMicroelectronics STA1090 Datasheet HTML 77Page - STMicroelectronics STA1090 Datasheet HTML 78Page - STMicroelectronics STA1090 Datasheet HTML 79Page - STMicroelectronics STA1090 Datasheet HTML 80Page - STMicroelectronics STA1090 Datasheet HTML 81Page - STMicroelectronics STA1090 Datasheet HTML 82Page - STMicroelectronics STA1090 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
DS13319 Rev 2
79/127
STA108x, STA109x
Electrical Characteristics
126
4.14
Color LCD Controller (CLCD) Timings
4.14.1
Switching Characteristics for CLCD controller outputs
All the switching timing characteristics are relative to CLCD_PIXCLK signal.
Figure 18. CLCD Controller Timings
Table 44. Switching Characteristics for CLCD controller outputs
No.
Symbol
Parameter
Timing
Unit
Min
Max
CL0
FCLCD_PIXCLK
S
Pixel Clock Frequency
-
78
MHz
CL1
T1ODLY
S
Control Signals Output Delay
-
5.3
ns
CL2
T2ODLY
S
Data Output Delay
-
8.5
ns
CL3
T3HOLD
S
Invalid Control Signals Delay
TBD
-
ns
CL4
T4HOLD
S
Invalid Data Delay
TBD
-
ns
CLCD_PIXCLK
CL2
CLCD_COLOR[17:0]
CLCD_VSYNC
CLCD_HSYNC
when IPC = 0b
CL2
when IPC = 1b
CL0 = 1/FCLCD_PIXCLK
CLCD_DE
CLCD_COLOR[17:0]
CL1
(data driven on CLCD_PIXCLK rising-edge)
(data driven on CLCD_PIXCLK falling-edge)
CL3
CL4
CL4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com