Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 9Page - STMicroelectronics STA1095 Datasheet HTML 10Page - STMicroelectronics STA1095 Datasheet HTML 11Page - STMicroelectronics STA1095 Datasheet HTML 12Page - STMicroelectronics STA1095 Datasheet HTML 13Page - STMicroelectronics STA1095 Datasheet HTML 14Page - STMicroelectronics STA1095 Datasheet HTML 15Page - STMicroelectronics STA1095 Datasheet HTML 16Page - STMicroelectronics STA1095 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
DS13319 Rev 2
13/127
STA108x, STA109x
System description
126
2.4.1
Audio interfaces
A complete set of audio interfaces is provided, in order to simplify integration with amplifiers,
and input sources. Each interface can be routed to the sound subsystem. A complete list of
audio interfaces is provided below:
1x AUDIO ADC
–
Shared between AUX LINE and TUNER LINE
–
18 bits ∆∑
–
98 dB A-Weighted Dynamic Range, room temperature
–
-80 dB THD internally, over temperature
–
ADC Inputs are single ended 3.3 V
1x Voice ADC
–
Shared among Voice and TEL-IN lines with embedded multiplexer
–
18 bit ∆∑
–
105 dB Dynamic Range, room temperature
–
-80 dB THD, over temperature
–
Both Mic and Tel-In lines are differential inputs.
3x Stereo DAC delivering:
–
24 bits
–
103 dB A-Weighted Dynamic Range
–
90 dB THD.
–
DAC outputs are single ended, delivering 730 mVrms.
3x I2S IN
–
SAI1: 1Ch
–
SAI2: 1Ch (either TX or RX), TDM Capable up to 8x
–
SAI3: 3Ch, TDM Capable up to 8x
–
SAI4: 3Ch, TDM Capable up to 8x
–
MSP0: 1Ch TDM capable, PCM Capable
–
MSP2: 1Ch ( as alternate to SAI2) TDM capable, PCM Capable
3x I2S OUT
–
SAI2: 1Ch (either TX or RX), TDM Capable up to 8x
–
SAI3: 3Ch, TDM Capable up to 8x
–
SAI4: 3Ch, TDM Capable up to 8x
–
MSP0: 1Ch TDM capable, PCM Capable
1x SPDIF IN for CD/CDROM input with Hardware Block Decoder for CDROM error
correction.
2.4.2
Routing and sample rate converters
Each audio interface can be routed in both directions (IN/OUT) through sample rate
converters, which allow normalizing the sampling rate to the sound processing engine. The
audio routing infrastructure is designed to deliver high quality sample rate conversion on
multiple channels, allowing simultaneous audio streams, such as Bluetooth Hands Free and
audio media playback, to be handled without CPU load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com