Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 32Page - STMicroelectronics STA1095 Datasheet HTML 33Page - STMicroelectronics STA1095 Datasheet HTML 34Page - STMicroelectronics STA1095 Datasheet HTML 35Page - STMicroelectronics STA1095 Datasheet HTML 36Page - STMicroelectronics STA1095 Datasheet HTML 37Page - STMicroelectronics STA1095 Datasheet HTML 38Page - STMicroelectronics STA1095 Datasheet HTML 39Page - STMicroelectronics STA1095 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
Signal description
STA108x, STA109x
36/127
DS13319 Rev 2
SDRAM_Data_26(1)
GPIO149(1)
P6
I/O
VDD_IO SDR SDRAM. Data line 26.
SDRAM_Data_27(1)
GPIO150(1)
U5
I/O
VDD_IO SDR SDRAM. Data line 27.
SDRAM_Data_28(1)
GPIO151(1)
P7
I/O
VDD_IO SDR SDRAM. Data line 28.
SDRAM_Data_29(1)
GPIO152(1)
R7
I/O
VDD_IO SDR SDRAM. Data line 29
SDRAM_Data_3
GPIO77
V1
I/O
VDD_IO SDR SDRAM. Data line 3.
SDRAM_Data_30(1)
GPIO153(1)
P8
I/O
VDD_IO SDR SDRAM. Data line 30.
SDRAM_Data_31(1)
GPIO154(1)
R8
I/O
VDD_IO SDR SDRAM. Data line 31.
SDRAM_Data_4
GPIO76
U1
I/O
VDD_IO SDR SDRAM. Data line 4.
SDRAM_Data_5
GPIO75
W3
I/O
VDD_IO SDR SDRAM. Data line 5.
SDRAM_Data_6
GPIO74
V4
I/O
VDD_IO SDR SDRAM. Data line 6.
SDRAM_Data_7
GPIO73
W4
I/O
VDD_IO SDR SDRAM. Data line 7.
SDRAM_Data_8
GPIO72
W17
I/O
VDD_IO SDR SDRAM. Data line 8.
SDRAM_Data_9
GPIO71
V17
I/O
VDD_IO SDR SDRAM. Data line 9.
SDRAM_DQM0
GPIO84
V5
O
VDD_IO SDR SDRAM. Data mask 0, data[7:0].
SDRAM_DQM1
GPIO85
V16
O
VDD_IO SDR SDRAM. Data mask 1, data[15:8].
SDRAM_DQM2(1)
GPIO145(1)
T8
O
VDD_IO SDR SDRAM. Data mask 2, data[23:16].
SDRAM_DQM3(1)
GPIO146(1)
U8
O
VDD_IO SDR SDRAM. Data mask 3, data[31:24].
SDRAM_FBCLK
GPIO88
W16
I
VDD_IO
SDR SDRAM. Feedback clock line.
Connect it to SDRAM device clock.
SDRAM_RASn
GPIO83
W6
O
VDD_IO SDR SDRAM. Row address strobe
SDRAM_WEn
GPIO81
W5
O
VDD_IO SDR SDRAM. Write enable strobe.
SQI_CE0n
-
D3
O
VDD_IO SQI. Chip select 0 (active low).
SQI_CE1n
GPIO99
H2
O
VDD_IO SQI. Chip select 1 (active low).
SQI_FDBSCK
GPIO6
GPIO99
E2
H2
I
VDD_IO
SQI. Feedback clock.
It must be used for clock frequencies
above 60MHz.
SQI_SCK
-
D1
O
VDD_IO SQI. Clock line.
SQI_SIO0
-
D4
I/O
VDD_IO SQI. Data line 0.
SQI_SIO1
-
D2
I/O
VDD_IO SQI. Data line 1.
SQI_SIO2
-
E1
I/O
VDD_IO SQI. Data line 2.
1. Only available on STA109x.
Table 12. Memory signals (continued)
Name
GPIOs
Balls
DIR
Power
Domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com