Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1095 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA1095
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 17Page - STMicroelectronics STA1095 Datasheet HTML 18Page - STMicroelectronics STA1095 Datasheet HTML 19Page - STMicroelectronics STA1095 Datasheet HTML 20Page - STMicroelectronics STA1095 Datasheet HTML 21Page - STMicroelectronics STA1095 Datasheet HTML 22Page - STMicroelectronics STA1095 Datasheet HTML 23Page - STMicroelectronics STA1095 Datasheet HTML 24Page - STMicroelectronics STA1095 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
DS13319 Rev 2
21/127
STA108x, STA109x
Signal description
126
REMAP0
M3_GPIO14
C3
I
VDD_IO
Memory Remap pin.
This pin is latched on the rising edge of POR
reset and it defines the boot device. After
reset these pins can be used as GPIO.
REMAP1
M3_GPIO15
B2
I
VDD_IO
Memory Remap pin.
This pin is latched on the rising edge of POR
reset and it defines the boot device. After
reset these pins can be used as GPIO.
SYSRSTn
-
B6
I
VDD_IO
System Reset not.
TEST_CLK
-
-
I
VDD_IO
ATE TEST clock.
Not used in the application.
WAKE0
M3_GPIO0
C15
I
VDD_IO_AON
Wake up signal line 0.
An event on this line wakes the system up
from Stand-By state.
WAKE1
M3_GPIO1
D15
I
VDD_IO_AON
Wake up signal line 1.
An event on this line wakes the system up
from Stand-By state.
WAKE2
M3_GPIO2
B16
I
VDD_IO_AON
Wake up signal line 2.
An event on this line wakes the system up
from Stand-By state.
WAKE3
M3_GPIO3
C16
I
VDD_IO_AON
Wake up signal line 3.
An event on this line wakes the system up
from Stand-By state.
WAKE4
M3_GPIO4
D16
I
VDD_IO_AON
Wake up signal line 4.
An event on this line wakes the system up
from Stand-By state.
WAKE5
M3_GPIO5
A16
I
VDD_IO_AON
Wake up signal line 5.
An event on this line wakes the system up
from Stand-By state.
WAKE6
M3_GPIO6
A17
I
VDD_IO_AON
Wake up signal line 6.
An event on this line wakes the system up
from Stand-By state.
WAKE7
M3_GPIO7
A18
I
VDD_IO_AON
Wake up signal line 7.
An event on this line wakes the system up
from Stand-By state.
Table 3. System and power management (continued)
Name
GPIOs
Balls
DIR
Power domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com