Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2005
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2005 Datasheet HTML 3Page - STMicroelectronics TDA2005 Datasheet HTML 4Page - STMicroelectronics TDA2005 Datasheet HTML 5Page - STMicroelectronics TDA2005 Datasheet HTML 6Page - STMicroelectronics TDA2005 Datasheet HTML 7Page - STMicroelectronics TDA2005 Datasheet HTML 8Page - STMicroelectronics TDA2005 Datasheet HTML 9Page - STMicroelectronics TDA2005 Datasheet HTML 10Page - STMicroelectronics TDA2005 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TDA2005
Electrical specifications
Doc ID 1451 Rev 6
7/25
Figure 4.
PC board and components layout of Figure 3
2.3.1
Electrical characteristics (bridge application)
Refer to the bridge application circuit Tamb = 25°C; Gv = 50dB; Rth(heatsink) = 4°C/W unless
otherwise specified.
Table 4.
Electrical characteristics (bridge application)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
-
8
-
18
V
Vos
Output offset voltage
(between pin 8 and pin 10)
VS = 14.4 V
VS = 13.2 V
--
150
150
mV
mV
Id
Total quiescent drain current
VS = 14.4 V; RL = 4 
VS = 13.2 V; RL = 3.2 
-
75
70
150
150
mA
mA
Po
Output power
f = 1 kHz, THD = 10 %
VS = 14.4 V; RL = 4 
VS = 14.4 V; RL = 3.2 
VS = 13.2 V; RL = 3.2 
18
20
17
20
22
19
-W
THD
Total harmonic distortion
f = 1 kHz; VS = 14.4 V;
RL = 4 ;Po = 50 mW to 15 W;
--
1
%
f = 1 kHz; VS = 13.2 V;
RL = 3.2 ;Po = 50m W to
13 W;
--
1
%
Vi
Input sensitivity
f = 1 kHz
RL = 4 ;Po = 2 W;
RL = 3.2 ;Po = 2 W
-9
8
-mW
Ri
Input resistance
f = 1 kHz
70
-
-
k
fL
Low frequency roll off (-3 dB)
RL = 3.2 
--
40
Hz
fH
High frequency roll off (-3 dB)
RL = 3.2 
20
-
-
KHz
Gv
Closed loop voltage gain
f = 1 kHz
-
50
-
dB
eN
Total Input noise voltage
Rg = 10 
(1)
-3
10
V
SVR
Supply voltage rejection
Vripple = 0.5 V; fripple =100 Hz
Rg = 10 k; C4 = 10 F
45
55
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com