Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA2005
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA2005 Datasheet HTML 11Page - STMicroelectronics TDA2005 Datasheet HTML 12Page - STMicroelectronics TDA2005 Datasheet HTML 13Page - STMicroelectronics TDA2005 Datasheet HTML 14Page - STMicroelectronics TDA2005 Datasheet HTML 15Page - STMicroelectronics TDA2005 Datasheet HTML 16Page - STMicroelectronics TDA2005 Datasheet HTML 17Page - STMicroelectronics TDA2005 Datasheet HTML 18Page - STMicroelectronics TDA2005 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TDA2005
Application suggestion
Doc ID 1451 Rev 6
15/25
3
Application suggestion
The recommended values of the components are those shown on bridge application circuit
of Figure 3. Different values can be used; the following table can help the designer.
Table 8.
Recommended values of the component of the bridge application circuit
Component
Recommended
value
Purpose
Larger than
Smaller than r
C1
2.2
F
Input DC decoupling
-
-
C2
2.2
F
Optimization of turn on
Pop and turn on Delay
High turn on delay
High Turn on Pop, Higher
low frequency cutoff
Increase of Noise
C3
0.1
F
Supply bypass
-
Danger of oscillation
C4
10
F
Ripple rejection
Increase of SVR,
Increase of the Switch-
on Time
Degradation of SVR
C5, C7
100
F
Bootstrapping
-
Increase of distortion at
low frequency
C6, C8
220
F
Feedback input DC
decoupling, low
frequency cut-off
-
Danger of oscillation at
high frequencies with
inductive loads
C9, C10
0.1
F
Frequency stability
-
Danger of oscillation
R1
120 k
Optimization of the
output symmetry
Smaller Pomax
Smaller Pomax
R2
1 k
---
R3
2 k
---
R4, R5
12
Closed loop gain setting
(see Bridge Amplifier
Design(1))
--
R6, R7
1
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads
-
1.
The closed loop gain must be higher than 32 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com