Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2005 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA2005
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA2005 Datasheet HTML 17Page - STMicroelectronics TDA2005 Datasheet HTML 18Page - STMicroelectronics TDA2005 Datasheet HTML 19Page - STMicroelectronics TDA2005 Datasheet HTML 20Page - STMicroelectronics TDA2005 Datasheet HTML 21Page - STMicroelectronics TDA2005 Datasheet HTML 22Page - STMicroelectronics TDA2005 Datasheet HTML 23Page - STMicroelectronics TDA2005 Datasheet HTML 24Page - STMicroelectronics TDA2005 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Application information
TDA2005
22/25
Doc ID 1451 Rev 6
4.1.7
Thermal shut-down
The presence of a thermal limiting circuit offers the following advantages:
1.
an overload on the output (even if it is permanent), or an excessive ambient
temperature can be easily withstood.
2.
the heatsink can have a smaller factor of safety compared with that of a conventional
circuit. There is no device damage in the case of excessive junction temperature : all
that happens is that Po (and therefore Ptot) and Id are reduced.
The maximum allowable power dissipation depends upon the size of the external heatsink
(i.e. its thermal resistance); Figure 37 shows the power dissipation as a function of ambient
temperature for different thermal resistance.
4.1.8
Loudspeaker protection
The circuit offers loudspeaker protection during short circuit for one wire to ground.
Figure 37. Maximum allowable power dissipa-
tion vs. ambient temperature
Figure 38. Output power and drain current vs.
case temperature (RL = 4 )
Figure 39.
Output power and drain current vs.
case temperature (RL = 3.2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com