Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2A Datasheet(PDF) 9 Page - STMicroelectronics

Part # EFS2A
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button EFS2A Datasheet HTML 5Page - STMicroelectronics EFS2A Datasheet HTML 6Page - STMicroelectronics EFS2A Datasheet HTML 7Page - STMicroelectronics EFS2A Datasheet HTML 8Page - STMicroelectronics EFS2A Datasheet HTML 9Page - STMicroelectronics EFS2A Datasheet HTML 10Page - STMicroelectronics EFS2A Datasheet HTML 11Page - STMicroelectronics EFS2A Datasheet HTML 12Page - STMicroelectronics EFS2A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EFS
9/14
5/ THE DRIVER: FUNCTIONAL DESCRIPTION
GND
G1
G2
Preheat
Select
Vcc
Shunt
State
tube
Minimum
Power supply
State tube detection
(Striked / Off)
0 current synchro
ISO synchro
350mA
Pre-heat
period
counter
1,5s
or
2.5s
Current generator
30mA
8 attempts
Strikes counter
UVLO
Clock 1/8
EFS2A DRIVER Internal block diagram (50Hz operation)
ALGORITHM
1. At switch on:
At switch on, an integrated Under Voltage Lock Out function (UVLO) resets the driver as long as the supply
voltage stays below a safety level.
2. Preheat:
The ignition sequence begins with the preheat
phase. Two different duration’s can be selected with
PIN 2 (see table EFS STARLIGHT-KIT PARTS
SELECTION page 2).
During this phase, the driver maintains the ASD
™ in
a full ON-state making the starter equivalent to a
bi-directional conducting switch.
3. Ignition of the fluorescent tube:
At the end of the preheat period, the starter strikes
the fluorescent lamp.
For that, the driver reads continuously the current
through the starter. When the current reaches the
Switch Off level (ISO = 350mA), the driver turns off
the ASD
™. This induces a high voltage pulse across
the lamp. This pulse amplitude is limited by the
ASD
™ (′1350V).
4. If the lamp fails to strike:
The driver detects the state of the tube (lit or off). If it
stays off during 8 mains cycles (loop 1), a new
preheat period, shorter than the first one, starts
again (loop 3), followed by a new ignition attempt.
The driver will try to fire the tube 8 times. If none of
the 8 attempts succeeds in striking the lamp, the driver turns in standby mode, and the whole starter is fully
stopped until the next mains removal and power supply reset.
5. If the lamp is ignited:
If the lamp is ignited, the driver stays in standby mode while monitoring the state of the lamp (loop 2).
During normal operation of the tube, this short pulse is masked by the lamp conduction. If the mains
interruption is really long enough to turn off completely the lamp, a new ignition sequence starts again (loop
3) with 8 other new possible attempts.
AC MAINS ON
UVLO
RESET
Preheat *
1.5s or 2.5s
Strike
Attempt = Attempt + 1
Preheat *
0.75s or 1.25s
Attempt <8
YES
YES
YES
NO
NO
NO
Loop 3
Loop 2
Tube
Ignited?
Fail = Fail + 1
Fail = 8
Fail = 0
Autosupply
Autosupply
Fail = 0
Attempt = 0
* see the preheat duration table § 6
Loop 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com