Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2A Datasheet(PDF) 2 Page - STMicroelectronics

Part # EFS2A
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2A Datasheet(HTML) 2 Page - STMicroelectronics

  EFS2A Datasheet HTML 1Page - STMicroelectronics EFS2A Datasheet HTML 2Page - STMicroelectronics EFS2A Datasheet HTML 3Page - STMicroelectronics EFS2A Datasheet HTML 4Page - STMicroelectronics EFS2A Datasheet HTML 5Page - STMicroelectronics EFS2A Datasheet HTML 6Page - STMicroelectronics EFS2A Datasheet HTML 7Page - STMicroelectronics EFS2A Datasheet HTML 8Page - STMicroelectronics EFS2A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EFS
2/14
MAINS FREQUENCY
50Hz
60Hz
DRIVER VERSION
EFS2A
EFS2B
Pin 2 connection
GND
VCC
GND
VCC
GND
VCC
PREHEAT DURATION
1.5s
2.56s
0.74s
1.24s
0.62s
1.03s
ASD
™
EFS21
LAMP POWER RANGE
18 to 70W (note 2)
AMBIENT TEMPERATURE RANGE
-30 to 85
°C (note1, note 2)
Note 1: below -20
°C, it is recommended to limit the lamp power range to 58W.
Note 2: the ignition temperature range is given with starting aid, as required in the IEC 81 and IEC 926 (§6.3.1) standards.
EFS STARLIGHT-KIT PARTS SELECTION:
The EFS STARLIGHT-KIT answers effectively to linear fluorescent lamp ignition needs:
DRIVER: EFS2A-CD
and
: EFS2B-CD
ASD
™: EFS21-TL5
State tube detection
1
Shunt
4
Preheat select
2
to be grounded
7
to be grounded
3
to be grounded
5
to be grounded
6
14
G1
13
G2
12
VCC
11
GND
9
DO NOT CONNECT
8
to be grounded
10
to be grounded
SO14
Pentawatt HV
G1
1
G2
5
Vcc
2
Tube
3
GND
4
PIN CONNECTION (top view)
FLUORESCENT
LAMP
18W TO 70W
BALLAST
MAINS
4
9
7/8/10/11
2/3/5/6
14
13
12
2
5
1
3
4
150K
Ω
R
0.39
Ω
22
µF - 16V
DRIVER
ASD
™
1
DO NOT
CONNECT
U1
U2
BASIC APPLICATION DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com