Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2A Datasheet(PDF) 5 Page - STMicroelectronics

Part # EFS2A
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2A Datasheet(HTML) 5 Page - STMicroelectronics

  EFS2A Datasheet HTML 1Page - STMicroelectronics EFS2A Datasheet HTML 2Page - STMicroelectronics EFS2A Datasheet HTML 3Page - STMicroelectronics EFS2A Datasheet HTML 4Page - STMicroelectronics EFS2A Datasheet HTML 5Page - STMicroelectronics EFS2A Datasheet HTML 6Page - STMicroelectronics EFS2A Datasheet HTML 7Page - STMicroelectronics EFS2A Datasheet HTML 8Page - STMicroelectronics EFS2A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EFS
5/14
4
9
7/8/10/11
3/5/6
14
13
12
2
5
1
3
4
R3
R4
R5
C1
DRIVER
ASD
2
U1
U2
R2
R1
THERMAL
FUSE
R6
D1
4
Vcc
GND
OPEN
one of the tracks
DEMONSTRATION BOARD DIAGRAM
Application Conditions
AC mains
Single
230V - 50Hz
Single
120V - 60Hz
Twin series 230V / 50Hz or
single 115V / 50Hz
Lamp Power Range
18 to 70W
18 to 36W
Ambient Temperature Range
-30 to + 85
°C (note 3)
Recommended Components
ASD version
EFS21
Driver version
EFS2A or EFS2B
EFS2B
EFS2A or EFS2B
R1, R2
30k
Ω - 0.125W - 5%
15k
Ω - 0.125W - 5%
R3
130k
Ω - 0.125W - 5%
R4
2.2k
Ω - 0.25W - 5%
3.3k
Ω - 0.25W - 5%
R5
0.39
Ω - 0.25W - 5% (note 4)
R6
0.39k
Ω - 0.25W - 5%
C1
22
µF - 16V - 20%
C2
BYD17K (800V)
Note 3: below -20
°C, it is recommended to limit the lamp power range to 58W.
Note 4: R5(Rsense) should have a 8 A, 10 ms surge capability.
RECOMMENDED COMPONENTS ACCORDING TO APPLICATION CONDITIONS
Pin 2 is the preheat time select pin. To select a short preheat time, drill to cut the Vcc to pin 2 track at the
metallic hole. To select a long preheat time, drill to cut the GND to pin 2 track. The layout must be
configured for either choice to avoid supply short circuit.
When the starter has to be protected against over-temperature, over-current or short circuit, it is
recommended to implement a thermal fuse in series with the starter.
To meet (IEC 926) standards, a capacitor (f.i. 5nF) can be connected between pin 3 and pin 4 of the ASD.
BOARD ASSEMBLY
DRILL and CUT the track
for SHORT preheat -->
for LONG preheat -->
PCB with Pentawatt HV and SO14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com