Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet(PDF) 21 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LOG114 Datasheet HTML 17Page - Texas Instruments LOG114 Datasheet HTML 18Page - Texas Instruments LOG114 Datasheet HTML 19Page - Texas Instruments LOG114 Datasheet HTML 20Page - Texas Instruments LOG114 Datasheet HTML 21Page - Texas Instruments LOG114 Datasheet HTML 22Page - Texas Instruments LOG114 Datasheet HTML 23Page - Texas Instruments LOG114 Datasheet HTML 24Page - Texas Instruments LOG114 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
VO4=−0.347×log I1I2 +1.25V
(21)
The external resistor values for A4 can be seen in Figure 7-8.
A
1
+
–
R1
R3
A
3
+
–
R2
R4
A
2
+
–
I2
I1
VCM IN
COM
A
4
+
–
VO4
–IN4
+IN4
V+
VREF GND
I2
I1
LOG114
VLOGOUT
REF
VREF
A
5
–
+
VO5
+IN5
–IN5
100k
37.4k
V–
2.5M
Input Signal
100pA to 10mA
100k
82.5k
IREF
1μF
0.1μF
5V
0.1μF
–5V
Figure 7-8. Dual Supply Configuration Example for Best Accuracy Over Eight Decades
7.2.2 Design Example for Single-Supply Configuration
Given these conditions:
Table 7-2. Example Design Parameters for Single-Supply Parameters
Parameter
Example Value
Positive supply voltage
5V
Negative supply voltage
0V
Input signal
100pA to 10mA
Reference voltage
2.5V
Output voltage
0.5V to 2.5V
1. Choose either I1 or I2 as the signal input pin. For this example, I2 is used. Choosing I1 as the reference
current makes the resistor network around A4 simpler. (Note: Current only flows into the I1 and I2 pins.)
2. Select the magnitude of the reference current. Since the signal (I2) spans eight decades, set I1 to 1μA − four
decades above the minimum I2 value, and four decades below the maximum I2 value. (Note that the value
does not have to be placed in the middle. If I2 spanned seven decades, I1 can set three decades above the
minimum and four decades below the maximum I2 value.) This configuration results in more swing amplitude
in the negative direction, which provides more sensitivity (ΔVO4 per ΔI2) when the current signal decreases.
3. Use Equation 1 to calculate the expected range of log outputs at VLOGOUT:
For I2=10mA:
VLOGOUT=0.375×log 1μA10mA =−1.5V For I2=100pA:VLOGOUT=0.375×log 1μA100pA =1.5V (22)
Therefore, the expected voltage range at the output of amplifier A3 is:
−1.5V≤VLOGOUT≤1.5V
(23)
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com