Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet(PDF) 5 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 5 Page - Texas Instruments

  LOG114 Datasheet HTML 1Page - Texas Instruments LOG114 Datasheet HTML 2Page - Texas Instruments LOG114 Datasheet HTML 3Page - Texas Instruments LOG114 Datasheet HTML 4Page - Texas Instruments LOG114 Datasheet HTML 5Page - Texas Instruments LOG114 Datasheet HTML 6Page - Texas Instruments LOG114 Datasheet HTML 7Page - Texas Instruments LOG114 Datasheet HTML 8Page - Texas Instruments LOG114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5.5 Electrical Characteristics (±5V)
All specifications at TA = 25°C, VS = ±5V, VLOGOUT RL = 10kΩ, VCM = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CORE LOG FUNCTION
Core log function
IIN/VOUT Equation
VO = (0.375) log (I1/I2)
V
LOG CONFORMITY ERROR
Log conformity error(1)
1nA to 100µA (5 decades)
0.1
0.3
%
0.009
0.026
dB
TA = -5℃ to 75℃
0.1
0.4
%
100pA to 3.5mA (7.5
decades)
2.2
%
0.19
dB
TA = -5℃ to 75℃
2.3
%
1mA to 10mA
See typical characteristics
TA = -5℃ to 75℃
See typical characteristics
TRANSFER FUNCTION (GAIN)
Initial scaling factor
100pA to 10mA
0.375
V/decade
Scaling factor error(2)
1nA to 100µA
0.4
±2.5
%
0.035
0.21
dB
TA = –5°C to 75°C
1.5
±3.5
%
TA = 15°C to 50°C
0.7
±3
%
INPUT, A1 and A2
VOS
Offset voltage
±1
±4
mV
dVOS/dT
Offset voltage drift
TA = -5℃ to 75℃
±15
µV/
℃
PSRR
Offset voltage vs power
supply
VS = ±2.25V to ±5.5V
75
400
µV/V
IB
Input bias current
±5
pA
TA = -5℃ to 75℃
Doubles every 10
℃
VCM
Input common-mode range
(V–) + 1.5V
(V+) – 1.5
V
en
Voltage noise
f = 0.1Hz to 10kHz
3
µVrms
f = 1kHz
30
nV/√Hz
in
Current noise
f = 1kHz
4
fA/√Hz
OUTPUT, A3 (VLOGOUT)
VOSO
Output offset voltage
±11
±50
mV
TA = -5℃ to 75℃
±15
±65
mV
FSO
Full-scale output(3)
(V–) + 0.6
(V+) – 0.6
V
GBW
Gain-bandwidth product
IIN = 1µA
50
MHz
ISC
Short-circuit current
±18
mA
Capacitive load
100
pF
OP AMP, A4 and A5
VOS
Input offset voltage
±250
±1000
µV
dVOS/dT
Input offset voltage vs
temperature
TA = -5℃ to 75℃
±2
µV/
℃
PSRR
Input offset voltage vs
supply
VS = ±4.5V to ±5.5V
30
250
µV/V
CMRR
Input offset voltage vs
common-mode voltage
74
dB
IB
Input bias current
–1
µA
IOS
Input offset current
±0.05
µA
Input voltage range
(V–)
(V+) – 2V
V
Input voltage noise
f = 0.1Hz to 10kHz
2
µVpp
f = 1kHz
13
nV/√Hz
in
Current noise
f = 1kHz
2
pA/√Hz
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com