Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet(PDF) 8 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LOG114 Datasheet HTML 4Page - Texas Instruments LOG114 Datasheet HTML 5Page - Texas Instruments LOG114 Datasheet HTML 6Page - Texas Instruments LOG114 Datasheet HTML 7Page - Texas Instruments LOG114 Datasheet HTML 8Page - Texas Instruments LOG114 Datasheet HTML 9Page - Texas Instruments LOG114 Datasheet HTML 10Page - Texas Instruments LOG114 Datasheet HTML 11Page - Texas Instruments LOG114 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
5.6 Electrical Characteristics (5V) (continued)
All specifications at TA = 25°C, VS = 5V, VLOGOUT RL = 10kΩ, VCM = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
in
Current noise
f = 1kHz
2
pA/√Hz
AOL
Open-loop voltage gain
100
dB
GBW
Gain-bandwidth product
15
MHz
SR
Slew rate
5
V/μs
tS
Settling time 0.01%
G = -1, 3V step, CL = 100pF
1.5
µs
Rated output
(V–) + 0.5V
(V+) – 0.5V
V
ISC
Short-circuit current
Sourcing
+4
mA
Sinking
–10
mA
TOTAL ERROR
Total error(4) (5)
See typical charcteristics
FREQUENCY RESPONSE, Core Log
BW, 3 dB, I1 or I2 (6)
IAC = 10% of IDC value,
IREF = 1µA
1nA
5
kHz
10nA
12
100nA
120
1µA
2.3
MHz
10µA to 10mA (ratio 1:1k)
> 5
Step response, I1 or I2 (6)
8nA to 240nA (ratio 1:30)
Increasing, IREF = 1µA
0.8
µs
Decreasing, IREF = 1µA
6
10nA to 100nA (ratio 1:10)
Increasing, IREF = 1µA
1.5
Decreasing, IREF = 1µA
5
10nA to 1µA (ratio 1:100)
Increasing, IREF = 1µA
0.25
Decreasing, IREF = 1µA
4
1mA to 10mA (ratio 1:10)
Increasing, IREF = 1µA
1
Decreasing, IREF = 1µA
1
VOLTAGE REFERENCE
Bandgap voltage
2.5
V
Error
±0.15
±1
%
TA = -5℃ to 75℃
±25
ppm/
℃
VS = 4.8V to 11V
±30
ppm/V
IO = ±2mA
±200
ppm/mA
ISC
Short-circuit current
±10
mA
POWER SUPPLY
IQ
Quiescent current
IO = 0
±10
±15
mA
(1)
Log conformity error is peak deviation from the best-fit straight line of VO vs Log (I1/I2) curve expressed as a percent of peak-to-peak
full-scale output. Scale factor, K, equals 0.375V output per decade of input current.
(2)
Scale factor of core log function is trimmed to 0.375V output per decade change of input current.
(3)
Specified by design.
(4)
Worst-case total error for any ratio of I1/I2, as the largest of the two errors, when I, and I2 are considered separately
(5)
Total error includes offset voltage, bias current, gain, and log conformity.
(6)
Small signal bandwidth (3dB) and transient response are a function of the level of input current. Smaller input current amplitude results
in lower bandwidth.
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com