Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT.B Datasheet(PDF) 16 Page - Texas Instruments

Part # LOG114AIRGVT.B
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button LOG114AIRGVT.B Datasheet HTML 12Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 13Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 14Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 15Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 16Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 17Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 18Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 19Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
R
REF
15V
3.6k
I
REF
–15V
6V
I
REF = 6V / RREF
Figure 7-3. Temperature-Compensated Current Source
7.1.4 Negative Input Currents
The LOG114 functions only with positive input currents (conventional current flows into input current pins). In
situations where negative input currents are needed, the example circuits in Figure 7-4, Figure 7-5, and Figure
7-6 can be referenced.
TLV9101
–
+
D
2
D
1
I
REF
I
OUT
Figure 7-4. Current Inverter/Current Source
1k
3.3V
10nA to 1mA
1.5k
LOG114
10nA to 1mA
Pin 3 or Pin 4
OPA2383
–
+
OPA2383
–
+
Figure 7-5. Precision Current Inverter/Current Source
100k
100k
100k
100k
1k
3.3V
10nA to 1mA
1.5k
3.3V
1.5k
LOG114
10nA to 1mA
Pin 3 or Pin 4
OPA2383
–
+
OPA2383
–
+
Figure 7-6. Precision Current Inverter/Current Source
7.1.5 Voltage Inputs
The LOG114 was optimized for current inputs. Voltage inputs may be handled directly by using a low-impedance
voltage source with series resistors, but the dynamic input range is limited to approximately three decades
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com