Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT.B Datasheet(PDF) 27 Page - Texas Instruments

Part # LOG114AIRGVT.B
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button LOG114AIRGVT.B Datasheet HTML 23Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 24Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 25Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 26Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 27Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 28Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 29Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 30Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
7.4.2 Layout Example
A
1
+
–
A
3
+
–
A
2
+
–
I2
I1
V
CM IN
COM
A
4
+
–
V
O4
–IN
4
+IN
4
V+
V
REF GND
I
2
I
1
LOG114
V
LOGOUT
REF
V
REF
A
5
–
+
V
O5
+IN
5
–IN
5
R
2
R
3
V–
R
1
R
4
R
5
I
REF
1 F
C
1
5V
C
2
–5V
Photodiode
Figure 7-15. LOG114 Example Circuit
V
REF GND
NC
I
2
4
I
1
1
2
3
V
O4
–IN
4
+IN
4
9
V
LOGOUT
12
11
10
PAD
GND
C
2
V
REF
Place bypass
capacitors as close to
device as possible
Consider using
thermal vias for
heatsinking
V
LOGOUT
V–
C
1
V+
R
2
R
3
Cutouts on ground planes
underneath the device
can reduce stray
capacitance and leakage
GND
Photodiode
R
5
GND
R
4
V
O4
R
1
V
REF
GND
GND
V
REF
Figure 7-16. LOG114 Layout Example
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com