Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT.B Datasheet(PDF) 24 Page - Texas Instruments

Part # LOG114AIRGVT.B
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.B Datasheet(HTML) 24 Page - Texas Instruments

Back Button LOG114AIRGVT.B Datasheet HTML 20Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 21Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 22Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 23Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 24Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 25Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 26Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 27Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
7.2.5 Data Compression
In many applications, the compressive effects of the logarithmic transfer function are useful. For example, a
LOG114 preceding a 12-bit ADC can produce the dynamic range equivalent to a 20-bit converter (like the
ADS7818 or ADS7834).
7.2.6 3.3V Operation
For systems with only a 3.3V power supply, the TPS60241 zero-ripple switched cap buck-boost 2.7V to 5.5V
input to 5V output converter may be used to generate a 5V supply for the LOG114 (see Figure 7-12).
LOG114
TPS60241
V
IN
C
1+
C
1-
GND
V
OUT
C
2+
C
2-
EN
1 μF
1 μF
1 μF
I
1
I
2
1 μF
3.3V
V+
V–
V
LOGOUT
5V
Figure 7-12. Creating a 5V Supply from a 3.3V Supply
Likewise, the TPS6040 negative charge pump may be connected to the 5V output of the TPS60241 to generate
a −5V supply to create a ±5V supply for the LOG114 (see Figure 7-13).
1 μF
LOG114
TPS60241
TPS60400
C
FLY-
C
FLY+
IN
OUT
GND
1 μF
1 μF
-5V
V
IN
C
1+
C
1-
GND
V
OUT
C
2+
C
2-
EN
1 μF
1 μF
1 μF
1 μF
I
1
I
2
1 μF
3.3V
V+
5V
V–
-5V
V
LOGOUT
Figure 7-13. Creating a ±5V Supply from a 3.3V Supply
7.2.7 Erbium-Doped Fiber Optic Amplifier (EDFA)
The LOG114 was designed for optical networking systems. Figure 7-14 shows a block diagram of the LOG114 in
a typical EDFA application. This application uses two log amps to measure the optical input and output power of
the amplifier. A difference amplifier subtracts the log output signals of both log amps and applies an error voltage
to the proportional-integral-derivative (PID) controller. The controller output adjusts a voltage-controlled current
source (VCCS), which then drives the power op amp and pump laser. The desired optical gain is achieved when
the error voltage at the PID is zero.
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com