Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2992IM5-1.5/NOPB Datasheet HTML 11Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 12Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 13Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 14Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 15Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 16Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 17Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 18Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
5.6 Typical Characteristics (continued)
CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) + 1V, TA = 25°C, and ON/OFF pin is tied to the IN pin (unless otherwise noted)
Figure 5-43. Line Transient Response (Legacy Chip)
20
s/div
0
40
80
120
160
200
240
280
3.27
3
3.29
3.5
3.31
4
3.33
4.5
3.35
5
3.37
5.5
3.39
6
3.41
6.5
VO
VIN
VOUT = 3.3V, CBYP = 0nF, ΔVIN = 1V, IOUT = 1mA,
dV/dt = 1V/μs
Figure 5-44. Line Transient Response (New Chip)
Figure 5-45. Line Transient Response (Legacy Chip)
20
s/div
0
40
80
120
160
200
240
280
3.27
3
3.29
3.5
3.31
4
3.33
4.5
3.35
5
3.37
5.5
3.39
6
3.41
6.5
VO
VIN
VOUT = 3.3V, CBYP = 0nF, ΔVIN = 1V, IOUT = 150mA,
dV/dt = 1V/μs
Figure 5-46. Line Transient Response (New Chip)
Figure 5-47. Line Transient Response (Legacy Chip)
20
s/div
0
20
40
60
80
100
120
140
160170
3.296
3
3.297
3.25
3.298
3.5
3.299
3.75
3.3
4
3.301
4.25
3.302
4.5
3.303
4.75
3.304
5
3.305
5.25
3.306
5.5
3.307
5.75
3.308
6
3.309
6.25
3.31
6.5
3.311
6.75
3.312
7
VO
VIN
VOUT = 3.3V, CBYP = 10nF, ΔVIN = 1V, IOUT = 1mA,
dV/dt = 1V/μs
Figure 5-48. Line Transient Response (New Chip)
www.ti.com
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com