Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP2992IM5-1.5/NOPB Datasheet HTML 1Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 2Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 3Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 4Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 5Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 6Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 7Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 8Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and
WSON Packages Designed for Use With Very Low-ESR Output Capacitors
1 Features
• VIN range (new chip): 2.5V to 16V
• VOUT range (new chip):
– 1.2V to 5.0V (fixed, 100mV steps)
• VOUT accuracy:
– ±1% for A-grade legacy chip
– ±1.5% for standard-grade legacy chip
– ±0.5% for new chip
• ±1% output accuracy over load, and temperature
(new chip)
• Output current: Up to 250mA
• Low IQ (new chip): 69μA at ILOAD = 0mA
• Low IQ (new chip): 875μA at ILOAD = 250mA
• Shutdown current:
– 0.01μA (typ, legacy chip)
– 1.12μA (typ, new chip)
• Low noise: 30μVRMS with 10nF bypass capacitor
• Output current limiting and thermal protection
• Stable with 2.2µF ceramic capacitors
• High PSRR: 70dB at 1kHz, 40dB at 1MHz
• Operating junction temperature: –40°C to +125°C
• Package: 5-pin SOT-23 (DBV)
2 Applications
• Washers and dryers
• Land mobile radios
• Active antenna system mMIMO
• Cordless power tools
• Motor drives and control boards
3 Description
The LP2992 is a fixed-output, wide-input, low-noise,
low-dropout voltage regulator supporting an input
voltage range from 2.5V to 16V and up to 250mA of
load current. The LP2992 supports an output range of
1.2V to 5.0V (new chip).
Additionally, the LP2992 (new chip) has a 1% output
accuracy across load, and temperature that can meet
the needs of low-voltage microcontrollers (MCUs) and
processors.
Low output noise of 30µVRMS (with 10nF bypass
capacitors) and wide bandwidth PSRR performance
of greater than 70dB at 1kHz and 40dB at 1MHz
help attenuate the switching frequency of an upstream
DC/DC converter and minimize post regulator filtering.
The internal soft-start time and current limit protection
reduce inrush current during start up, thus minimizing
input capacitance. Standard protection features, such
as overcurrent and overtemperature protection, are
included.
The LP2992 is available in a 5-pin 2.9mm × 2.8mm
SOT-23 (DBV) package.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LP2992
DBV (SOT-23, 5)
2.9mm × 2.8mm
NGD (WSON, 6)
2.92mm × 3.29mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TEMPERATURE (
C)
-75
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
1 mA
50 mA
150 mA
250 mA
Dropout Voltage vs Temperature for New Chip
IN
OUT
ON/
OFF
LP2992
GND
C
IN
GND
GND
C
OUT
GND
V
IN
V
OUT
BYPASS
GND
Typical Application Circuit
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2992IM5-1.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2992IM5-1.5/NOPB TI1-LP2992IM5-1.5/NOPB Datasheet
1Mb / 28P
LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
More results

Similar Description - LP2992IM5-1.5/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com