Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992IM5-1.5/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2992IM5-1.5/NOPB
Description  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-1.5/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2992IM5-1.5/NOPB Datasheet HTML 6Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 7Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 8Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 9Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 10Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 11Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 12Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 13Page - Texas Instruments LP2992IM5-1.5/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
5.6 Typical Characteristics (continued)
CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) + 1V, TA = 25°C, and ON/OFF pin is tied to the IN pin (unless otherwise noted)
Frequency - (Hz)
101
102
103
104
105
106
107
0
10
20
30
40
50
60
70
80
90
100
110
120
VIN = 5 V
V0 = 3.3 V
C0 = 10 F
Cbyp = 0 nF
1 mA
150 mA
50 mA
VIN = 5V, VOUT = 3.3V, COUT = 10μF, CBYP = 0nF
Figure 5-13. Ripple Rejection vs Frequency (New Chip)
Figure 5-14. Ripple Rejection vs Frequency (Legacy Chip)
Figure 5-15. Ripple Rejection vs Frequency (Legacy Chip)
Figure 5-16. Ripple Rejection vs Frequency (Legacy Chip)
Frequency - (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
90
100
110
120
1 mA
150 mA
50 mA
VIN = 3.7V, VOUT = 3.3V, COUT = 10μF, CBYP = 0nF
Figure 5-17. Ripple Rejection vs Frequency (New Chip)
Figure 5-18. Ripple Rejection vs Frequency (Legacy Chip)
LP2992
SNVS171L – NOVEMBER 2001 – REVISED FEBRUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP2992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com