Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA25W
Description  QUAL TRANSILO ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA25W Datasheet HTML 1Page - STMicroelectronics ESDA25W Datasheet HTML 2Page - STMicroelectronics ESDA25W Datasheet HTML 3Page - STMicroelectronics ESDA25W Datasheet HTML 4Page - STMicroelectronics ESDA25W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESDA25W
2/5
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance per line
Rd
Dynamic resistance
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
V
I
V
RM
PP
I
RM
I
V
BR
R
I
V
CL
slope : 1 / R d
Symbol
Parameter
Test conditions
Value
Unit
VPP
ESD discharge
MIL STD 883C - Method 3015-6
IEC61000-4-2, air discharge
IEC61000-4-2, contact discharge
25
16
9
kV
PPP
Peak pulse power (8/20
µs)
400
W
Top
Operating temperature range
Note 1
-40to+85
°C
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55to+150
°C
TL
Lead solder temperature (10 secondes duration)
260
°C
Note 1: The evolution of the operating parameters versus temperature is given trough curves and
αT parameter
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
Types
VBR
@
IR
IRM
@VRM
Rd
αTC
VF @IF
min.
max.
max.
typ.
max.
typ.
max.
note 2
note 3
0V bias
VV
mA
µAV
10
-4 /°C
pF
V
mA
ESDA25W
25
30
1
1
24
1.1
10
65
1.2
10
note 2 : Square pulse Ipp = 15A, tp=2.5
µs.
note 3 :
∆ VBR = αT* (Tamb -25°C) * VBR (25°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com