Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA25W
Description  QUAL TRANSILO ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA25W Datasheet HTML 1Page - STMicroelectronics ESDA25W Datasheet HTML 2Page - STMicroelectronics ESDA25W Datasheet HTML 3Page - STMicroelectronics ESDA25W Datasheet HTML 4Page - STMicroelectronics ESDA25W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESDA25W
3/5
25
50
75
100
125
150
1
10
100
1000
Tj(°C)
IR[Tj] / IR[Tj=25°C]
Fig. 5: Relative variation of leakage current versus
junction temperature (typical values).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1E-7
2E-7
5E-7
1E-6
2E-6
5E-6
1E-5
2E-5
5E-5
1E-4
VFM(V)
IFM(A)
Tj = 25°C
Fig. 6: Peak forward voltage drop versus peak
forward current (typical values).
20
25
30
35
40
45
50
55
60
65
70
75
80
0.1
1.0
10.0
100.0
Vcl(V)
Ipp(A)
tp = 2.5 s
µ
Fig.
3: Clamping voltage versus peak pulse
current (Tj initial = 25 °C).
Rectangular waveform tp = 2.5
µs.
1
10
100
10
100
VR(V)
C(pF)
F=1MHz
Vosc=30mV
Fig. 4: Capacitance versus reverse applied
voltage (typical values).
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial]/Ppp[Tj initial=25°C]
Tj initial (°C)
Fig. 1: Peak pulse power dissipation versus initial
junction temperature
1
10
100
100
1000
10000
tp(µs)
Ppp(W)
Fig.
2: Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com