Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA25W
Description  QUAL TRANSILO ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA25W Datasheet HTML 1Page - STMicroelectronics ESDA25W Datasheet HTML 2Page - STMicroelectronics ESDA25W Datasheet HTML 3Page - STMicroelectronics ESDA25W Datasheet HTML 4Page - STMicroelectronics ESDA25W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ESDA25W
®
March 2000 - Ed: 1A
QUAL TRANSIL
™ ARRAY
FOR ESD PROTECTION
SOT323-3L
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
n
Computers
n
Printers
n
Communication systems
n
Cellular phones handsets and accessories
n
Other telephone sets
n
Set top boxes
MAIN APPLICATIONS
Application Specific Discretes
A.S.D.
1
2
3
FUNCTIONAL DIAGRAM
n
2 unidirectional TRANSIL
™ functions.
n
Breakdown voltage : VBR = 25V min.
n
Low leakage current:<1
µA.
n
Very low PCB space consuming : 4.2 mm
2 typically.
FEATURES
DESCRIPTION
The ESDA25W is a 2-bit wide monolithic
suppressor designed to protect components
which are connected to data and transmission
lines against ESD.
It clamps the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transients.
BENEFITS
n
High ESD protection level : up to 25 kV.
n
High integration.
n
Suitable for high density boards.
n
IEC61000-4-2 level 4
n
MIL STD 883C-Method 3015-6 : class 3.
(human body model)
COMPLIES WITH THE FOLLOWING STANDARDS :


Similar Part No. - ESDA25W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25W STMICROELECTRONICS-ESDA25W Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ESDA25W STMICROELECTRONICS-ESDA25W Datasheet
110Kb / 11P
TRANSIL array for data protection
29-Aug-2005
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
38Kb / 5P
QUAL TRANSILO ARRAY FOR ESD PROTECTION
Mar-2000
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
110Kb / 11P
TRANSIL array for data protection
29-Aug-2005
More results

Similar Description - ESDA25W

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6503A NPC-SM6503A Datasheet
70Kb / 4P
Diode Array for ESD Protection
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
38Kb / 5P
QUAL TRANSILO ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1U1 STMICROELECTRONICS-ESDA6V1U1 Datasheet
113Kb / 6P
TRANSILO ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
logo
ON Semiconductor
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2 Datasheet
46Kb / 4P
Quad Array for ESD Protection
November, 2003 ??Rev. 3
logo
STMicroelectronics
ESDA6V1W5 STMICROELECTRONICS-ESDA6V1W5 Datasheet
60Kb / 7P
QUAL TRANSIL ARRAY FOR ESD PROTECTION
1999-Sep
logo
Leshan Radio Company
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT2G ONSEMI-DF6A6.8FUT2G Datasheet
100Kb / 3P
Quad Array for ESD Protection
October, 2012 ??Rev. 2
SMF05T1 ONSEMI-SMF05T1_09 Datasheet
169Kb / 5P
Quad Array for ESD Protection
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com