Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0029 Datasheet(PDF) 10 Page - Abracon Corporation

Part # AFII-SW-0029
Description  915 MHz SMD SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0029 Datasheet(HTML) 10 Page - Abracon Corporation

Back Button AFII-SW-0029 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 9Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 10Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 04-19-24
For terms and conditions of sales, please visit:
www.abracon.com
915 MHz SMD SAW Filter
AFII-SW-0029
3.0 x 3.0 x 1.25 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Reflow Profile [JEDEC J-STD-020]
Solder Paste: Ag3.0/Cu0.5/Sn
Profile Feature
Sn-Pb Eutectic
Assembly
Pb-Free Assembly
Preheat / soak
Temperature minimum (Tsmin)
100℃
150℃
Temperature maximum (Tsmax)
150℃
200℃
Time (Tsmin to Tsmax) (ts)
60 – 120 sec.
60 – 180 sec.
Average ramp-up rate (Tsmax to Tp)
3℃/sec. max
3℃/sec. max
Liquidous temperature (TL)
183℃
217℃
Time at Liquidous (TL)
60 – 150 sec.
60 – 150 sec.
Peak package body temperature (Tp)*
See Table 1
See Table 2
Time (Tp)** within 5℃ of the specified classification temperature (Tc)
20 sec.
5 sec.
Ramp-down rate (Tp to Tsmax)
6℃/sec. max
3℃/sec. max
Time 25℃ to peak temperature
6 min. max
8 min. max
Reflow cycles
2 max
2 max
*Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
**Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Table 1
SnPb Eutectic Process
Classification Temperatures (Tc)
Package
Thickness
Volume mm3
<350
Volume mm3
≧
350
<2.5mm
235℃
220℃
≧
2.5mm
220℃
220℃
Table 2
Pb-Free Process
Classification Temperatures (Tc)
Package
Thickness
Volume mm3
<350
Volume mm3
350-2000
Volume mm3
>2000
<1.6mm
260℃
260℃
260℃
1.6mm - 2.5mm
260℃
250℃
245℃
>2.5mm
240℃
240℃
240℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com