Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0029 Datasheet (PDF) - Abracon Corporation

AFII-SW-0029 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0029
Download  AFII-SW-0029 Download
File Size   924.4 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 915 MHz SMD SAW Filter

AFII-SW-0029 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0029 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0029
Download  AFII-SW-0029 Click to download

File Size   924.4 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 915 MHz SMD SAW Filter

AFII-SW-0029 Datasheet (HTML) - Abracon Corporation


AFII-SW-0029 Product details

Features
•3.0 x 3.0 x 1.25 mm in Size
•Low Insertion Loss: 2.4 dB
•Out-of-Band Rejection: > 35 dB
•50 Ohms Single-Ended Input & Output
•Maximum Input Power: +20dBm
•Industrial Grade -40ºC ~ +85ºC




Similar Part No. - AFII-SW-0029

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0018 ABRACON-AFII-SW-0018 Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-EVB ABRACON-AFII-SW-0018-EVB Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-T ABRACON-AFII-SW-0018-T Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0031 ABRACON-AFII-SW-0031 Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
AFII-SW-0031-EVB ABRACON-AFII-SW-0031-EVB Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
More results


Similar Description - AFII-SW-0029

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
915 MHz SAW Filter
logo
Abracon Corporation
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
SAW Filter 915 MHz
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
915 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
SAW Filter 915 MHz
TA1392A TAI-SAW-TA1392A Datasheet
476Kb / 7P
SAW Filter 915 MHz
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
SAW Filter 915 MHz
TA2211A TAI-SAW-TA2211A Datasheet
742Kb / 7P
SAW Filter 915 MHz SMD 3.0횞3.0mm
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com