Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0018 Datasheet (PDF) - Abracon Corporation

AFII-SW-0018 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0018
Download  AFII-SW-0018 Download
File Size   925.9 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 460 MHz SMD SAW Filter

AFII-SW-0018 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0018 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0018
Download  AFII-SW-0018 Click to download

File Size   925.9 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 460 MHz SMD SAW Filter

AFII-SW-0018 Datasheet (HTML) - Abracon Corporation


AFII-SW-0018 Product details

Features
•3.8 x 3.8 x 1.5 mm in Size
•Low Insertion Loss: 2.0 dB
•Out-of-Band Rejection: > 25 dB
•50 Ohms Single-Ended Input & Output
•Maximum Input Power: 20dBm
•Industrial Grade -40ºC ~ +85ºC




Similar Part No. - AFII-SW-0018

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0029 ABRACON-AFII-SW-0029 Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0029-EVB ABRACON-AFII-SW-0029-EVB Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0029-T ABRACON-AFII-SW-0029-T Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0031 ABRACON-AFII-SW-0031 Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
AFII-SW-0031-EVB ABRACON-AFII-SW-0031-EVB Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
More results


Similar Description - AFII-SW-0018

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
logo
TAI-SAW TECHNOLOGY CO.,...
TA1010A TAI-SAW-TA1010A Datasheet
391Kb / 6P
SAW Filter 460 MHz
TA1406A TAI-SAW-TA1406A Datasheet
596Kb / 7P
SAW Filter 460 MHz
TA1633A TAI-SAW-TA1633A Datasheet
130Kb / 6P
SAW Filter 460 MHz
TE0114A TAI-SAW-TE0114A Datasheet
319Kb / 10P
Dual SAW Filter 460 / 420 MHz
TA1010B TAI-SAW-TA1010B Datasheet
453Kb / 6P
SAW Filter 460 MHz
TB0167A TAI-SAW-TB0167A Datasheet
242Kb / 6P
SAW Filter 460 MHz
TB0168A TAI-SAW-TB0168A Datasheet
333Kb / 5P
SAW Filter 460 MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com