Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0018 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFII-SW-0018
Description  460 MHz SMD SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0018 Datasheet(HTML) 1 Page - Abracon Corporation

  AFII-SW-0018 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0018 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 03-13-25
For terms and conditions of sales, please visit:
www.abracon.com
460 MHz SMD SAW Filter
AFII-SW-0018
3.8 x 3.8 x 1.5 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Product Image
• 3.8 x 3.8 x 1.5 mm in Size
• Low Insertion Loss: 2.0 dB
• Out-of-Band Rejection: > 25 dB
• 50 Ohms Single-Ended Input & Output
• Maximum Input Power: 20dBm
• Industrial Grade -40ºC ~ +85ºC
• RF Modules
• Front-End Filter for Wireless Receivers
• Public Safety & Emergency Services
• Land Mobile Radio (LMR)
• Metering (Electric, Water, and Gas)
Applications
Features


Similar Part No. - AFII-SW-0018

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0029 ABRACON-AFII-SW-0029 Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0029-EVB ABRACON-AFII-SW-0029-EVB Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0029-T ABRACON-AFII-SW-0029-T Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0031 ABRACON-AFII-SW-0031 Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
AFII-SW-0031-EVB ABRACON-AFII-SW-0031-EVB Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
More results

Similar Description - AFII-SW-0018

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
logo
TAI-SAW TECHNOLOGY CO.,...
TA1010A TAI-SAW-TA1010A Datasheet
391Kb / 6P
SAW Filter 460 MHz
TA1406A TAI-SAW-TA1406A Datasheet
596Kb / 7P
SAW Filter 460 MHz
TA1633A TAI-SAW-TA1633A Datasheet
130Kb / 6P
SAW Filter 460 MHz
TE0114A TAI-SAW-TE0114A Datasheet
319Kb / 10P
Dual SAW Filter 460 / 420 MHz
TA1010B TAI-SAW-TA1010B Datasheet
453Kb / 6P
SAW Filter 460 MHz
TB0167A TAI-SAW-TB0167A Datasheet
242Kb / 6P
SAW Filter 460 MHz
TB0168A TAI-SAW-TB0168A Datasheet
333Kb / 5P
SAW Filter 460 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com