Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0029 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFII-SW-0029
Description  915 MHz SMD SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0029 Datasheet(HTML) 1 Page - Abracon Corporation

  AFII-SW-0029 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0029 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 04-19-24
For terms and conditions of sales, please visit:
www.abracon.com
915 MHz SMD SAW Filter
AFII-SW-0029
3.0 x 3.0 x 1.25 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Product Image
• 3.0 x 3.0 x 1.25 mm in Size
• Low Insertion Loss: 2.4 dB
• Out-of-Band Rejection: > 35 dB
• 50 Ohms Single-Ended Input & Output
• Maximum Input Power: +20dBm
• Industrial Grade -40ºC ~ +85ºC
• Automotive Telematics & Asset Tracking
• Sub-GHz LoRa/Sigfox/Wi-Fi HaLow
• Internet of Things (IoT)
• Smart Metering
• Smart Lighting
• RF Modules
Applications
Features


Similar Part No. - AFII-SW-0029

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0018 ABRACON-AFII-SW-0018 Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-EVB ABRACON-AFII-SW-0018-EVB Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-T ABRACON-AFII-SW-0018-T Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0031 ABRACON-AFII-SW-0031 Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
AFII-SW-0031-EVB ABRACON-AFII-SW-0031-EVB Datasheet
1Mb / 12P
SMD 866.5 MHz SAW Filter
08-27-24
More results

Similar Description - AFII-SW-0029

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
915 MHz SAW Filter
logo
Abracon Corporation
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
SAW Filter 915 MHz
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
915 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
SAW Filter 915 MHz
TA1392A TAI-SAW-TA1392A Datasheet
476Kb / 7P
SAW Filter 915 MHz
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
SAW Filter 915 MHz
TA2211A TAI-SAW-TA2211A Datasheet
742Kb / 7P
SAW Filter 915 MHz SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com