Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0040 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AFII-SW-0040
Description  916 MHz SMD SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0040 Datasheet(HTML) 3 Page - Abracon Corporation

  AFII-SW-0040 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-25-24
For terms and conditions of sales, please visit:
www.abracon.com
916 MHz SMD SAW Filter
AFII-SW-0040
3.0 x 3.0 x 1.25 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Ordering Information
Note: Other options not listed may be available upon request via Abracon online support
Part Number
Description
AFII-SW-0040
916 MHz SMD SAW Filter on Cut Tape
AFII-SW-0040-T
916 MHz SMD SAW Filter on Tape & Reel
AFII-SW-0040-EVB
916 MHz SMD SAW Filter Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com