Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0040 Datasheet (PDF) - Abracon Corporation

AFII-SW-0040 Datasheet PDF - Abracon Corporation
Part # AFII-SW-0040
Download  AFII-SW-0040 Download
File Size   911.55 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 916 MHz SMD SAW Filter

AFII-SW-0040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-SW-0040 Datasheet PDF - Abracon Corporation

Part # AFII-SW-0040
Download  AFII-SW-0040 Click to download

File Size   911.55 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 916 MHz SMD SAW Filter

AFII-SW-0040 Datasheet (HTML) - Abracon Corporation


AFII-SW-0040 Product details

Features
•3.0 x 3.0 x 1.25 mm in Size
•Low Insertion Loss: 2.9 dB
•Out-of-Band Rejection: > 40 dB
•50 Ohms Single-Ended Input & Output
•Maximum Input Power: +20dBm




Similar Part No. - AFII-SW-0040

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0018 ABRACON-AFII-SW-0018 Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-EVB ABRACON-AFII-SW-0018-EVB Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-T ABRACON-AFII-SW-0018-T Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0029 ABRACON-AFII-SW-0029 Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0029-EVB ABRACON-AFII-SW-0029-EVB Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
More results


Similar Description - AFII-SW-0040

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS868.0W01-TS3 ABRACON-AFS868.0W01-TS3 Datasheet
202Kb / 2P
SMD 868.0 MHz SAW FILTER
1.07.08
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
TAI-SAW TECHNOLOGY CO.,...
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
SAW Resonator 916 MHz SMD 3.8X3.8 mm
logo
KR Electronics, Inc.
3012-916 KR-3012-916 Datasheet
82Kb / 3P
916 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2655A TAI-SAW-TA2655A Datasheet
376Kb / 6P
916 MHz 0.65MHz BW SMD 3.8 x 3.8 mm SAW RF Filter
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com