Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFII-SW-0040 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFII-SW-0040
Description  916 MHz SMD SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFII-SW-0040 Datasheet(HTML) 1 Page - Abracon Corporation

  AFII-SW-0040 Datasheet HTML 1Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 2Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 3Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 4Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 5Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 6Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 7Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 8Page - Abracon Corporation AFII-SW-0040 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-25-24
For terms and conditions of sales, please visit:
www.abracon.com
916 MHz SMD SAW Filter
AFII-SW-0040
3.0 x 3.0 x 1.25 mm
RoHS Compliant
MSL Level = 3
Request Samples
Check Inventory
Product Image
• 3.0 x 3.0 x 1.25 mm in Size
• Low Insertion Loss: 2.9 dB
• Out-of-Band Rejection: > 40 dB
• 50 Ohms Single-Ended Input & Output
• Maximum Input Power: +20dBm
Applications
Features
• Sub-GHz/LoRa/Sigfox
• Smart Lighting
• Utility & Smart Metering
• Amazon Sidewalk
• Traffic Control and Monitoring
• Energy Generation and Storage System


Similar Part No. - AFII-SW-0040

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-SW-0018 ABRACON-AFII-SW-0018 Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-EVB ABRACON-AFII-SW-0018-EVB Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0018-T ABRACON-AFII-SW-0018-T Datasheet
925Kb / 12P
460 MHz SMD SAW Filter
03-13-25
AFII-SW-0029 ABRACON-AFII-SW-0029 Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
AFII-SW-0029-EVB ABRACON-AFII-SW-0029-EVB Datasheet
924Kb / 11P
915 MHz SMD SAW Filter
04-19-24
More results

Similar Description - AFII-SW-0040

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS868.0W01-TS3 ABRACON-AFS868.0W01-TS3 Datasheet
202Kb / 2P
SMD 868.0 MHz SAW FILTER
1.07.08
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
TAI-SAW TECHNOLOGY CO.,...
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
SAW Resonator 916 MHz SMD 3.8X3.8 mm
logo
KR Electronics, Inc.
3012-916 KR-3012-916 Datasheet
82Kb / 3P
916 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2655A TAI-SAW-TA2655A Datasheet
376Kb / 6P
916 MHz 0.65MHz BW SMD 3.8 x 3.8 mm SAW RF Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com