Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S24CS0
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS0 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S24CS0 Datasheet HTML 26Page - Seiko Instruments Inc S24CS0 Datasheet HTML 27Page - Seiko Instruments Inc S24CS0 Datasheet HTML 28Page - Seiko Instruments Inc S24CS0 Datasheet HTML 29Page - Seiko Instruments Inc S24CS0 Datasheet HTML 30Page - Seiko Instruments Inc S24CS0 Datasheet HTML 31Page - Seiko Instruments Inc S24CS0 Datasheet HTML 32Page - Seiko Instruments Inc S24CS0 Datasheet HTML 33Page - Seiko Instruments Inc S24CS0 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
30
1. 7 Current consumption (PROGRAM) ICC2
1. 8 Current consumption (PROGRAM) ICC2
 Ambient temperature (Ta)
 Ambient temperature (Ta)
VCC=5.5 V
Ta (
°C)
-40
0
85
1.0
0.5
0
ICC2
(mA)
VCC=3.3 V
Ta (
°C)
-40
0
85
1.0
0.5
0
ICC2
(mA)
1. 9 Current consumption (PROGRAM) ICC2
1. 10 Current consumption (PROGRAM) ICC2
 Ambient temperature (Ta)
 Power supply voltage VCC
VCC=2.5 V
1.0
0.5
0
ICC2
(mA)
Ta (
°C)
-40
0
85
Ta=25
°C
VCC (V)
1.0
0.5
0
ICC2
(mA)
2
1
3 4 5 6
1. 11 Standby current consumption ISB
1. 12 Input leakage current ILI
 Ambient temperature (Ta)
 Ambient temperature (Ta)
2.0
1.0
VCC=5.5 V
0
ISB
(
µA)
Ta (
°C)
-40
0
85
1.0
0.5
VCC=5.5 V
A0, A1, A2
0
ILI
(
µA)
Ta (
°C)
-40
0
85
SDA, SCL, WP=0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com