Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 35 Page - Seiko Instruments Inc

Part # S24CS0
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS0 Datasheet(HTML) 35 Page - Seiko Instruments Inc

Back Button S24CS0 Datasheet HTML 31Page - Seiko Instruments Inc S24CS0 Datasheet HTML 32Page - Seiko Instruments Inc S24CS0 Datasheet HTML 33Page - Seiko Instruments Inc S24CS0 Datasheet HTML 34Page - Seiko Instruments Inc S24CS0 Datasheet HTML 35Page - Seiko Instruments Inc S24CS0 Datasheet HTML 36Page - Seiko Instruments Inc S24CS0 Datasheet HTML 37Page - Seiko Instruments Inc S24CS0 Datasheet HTML 38Page - Seiko Instruments Inc S24CS0 Datasheet HTML 39Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
35
Product Name Structure
1. S-24CS01A/02A/04A
Operation temperature
none :
−40 to +85°C
H
:
−40 to +105°C (Only 8-Pin SOP(JEDEC), 8-Pin TSSOP)
IC direction in tape specification (Except 8-Pin DIP)
TB :
8-Pin SOP(JEDEC), 8-Pin TSSOP
TF :
SNT-8A
Package code (abbreviation)
DP :
8-Pin DIP
FJ :
8-Pin SOP(JEDEC)
FT :
8-Pin TSSOP
PH :
SNT-8A
Product name
S-24CS01A : 1k bit
S-24CS02A : 2k bit
S-24CS04A : 4k bit
S-24CS0xA xx - xx x - G
2. S-24CS08A
Fixed
Operation temperature
none :
−40 to +85°C
H
:
−40 to +105°C (Only 8-Pin SOP(JEDEC), 8-Pin TSSOP)
IC direction in tape specification (Except 8-Pin DIP)
Package code (abbreviation)
DP :
8-Pin DIP
FJ :
8-Pin SOP(JEDEC)
FT :
8-Pin TSSOP
Product name
S-24CS08A : 8k bit
S-24CS08A xx - TB x -1 G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com