Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02-70PC1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T02-70PC1
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T02-70PC1 Datasheet HTML 3Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 4Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 5Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 6Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 7Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 8Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 9Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 10Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
M48T02, M48T12
Operation modes
Doc ID 2410 Rev 9
7/25
2
Operation modes
As Figure 3 on page 6 shows, the static memory array and the quartz controlled clock
oscillator of the M48T02/12 are integrated on one silicon chip. The two circuits are
interconnected at the upper eight memory locations to provide user accessible
BYTEWIDE™ clock information in the bytes with addresses 7F8h-7FFh. The clock locations
contain the year, month, date, day, hour, minute, and second in 24-hour BCD format.
Corrections for 28, 29 (leap year - valid until 2100), 30, and 31 day months are made
automatically.
Byte 7F8h is the clock control register. This byte controls user access to the clock
information and also stores the clock calibration setting.
The eight clock bytes are not the actual clock counters themselves; they are memory
locations consisting of BiPORT™ READ/WRITE memory cells. The M48T02/12 includes a
clock control circuit which updates the clock bytes with current information once per second.
The information can be accessed by the user in the same manner as any other location in
the static memory array.
The M48T02/12 also has its own power-fail detect circuit. The control circuitry constantly
monitors the single 5 V supply for an out of tolerance condition. When VCC is out of
tolerance, the circuit write protects the SRAM, providing a high degree of data security in the
midst of unpredictable system operation brought on by low VCC. As VCC falls below
approximately 3 V, the control circuitry connects the battery which maintains data and clock
operation until valid power returns.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = Battery backup switchover voltage.
2.1
READ mode
The M48T02/12 is in the READ mode whenever W (WRITE enable) is high and E (chip
enable) is low. The device architecture allows ripple-through access of data from eight of
16,384 locations in the static storage array. Thus, the unique address specified by the 11
Address Inputs defines which one of the 2,048 bytes of data is to be accessed. Valid data
will be available at the data I/O pins within address access time (tAVQV) after the last
address input signal is stable, providing that the E and G access times are also satisfied. If
the E and G access times are not met, valid data will be available after the latter of the chip
enable access time (tELQV) or output enable access time (tGLQV).
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5 V
or
4.5 to 5.5 V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to
VPFD(min)
(1)
1.
See Table 11 on page 20 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com