Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02-70PC1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T02-70PC1
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T02-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 17Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 18Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 19Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 20Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 21Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 22Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
M48T02, M48T12
DC and AC parameters
Doc ID 2410 Rev 9
19/25
Table 9.
DC characteristics
Figure 12.
Power down/up mode AC waveforms
Note:
Inputs may or may not be recognized at this time. Caution should be taken to keep E high as
VCC rises past VPFD (min). Some systems may perform inadvertent WRITE cycles after VCC
rises above VPFD (min) but before normal system operations begin. Even though a power on
reset is being applied to the processor, a reset condition may not occur until after the system
clock is running.
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where noted).
Min
Max
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
ICC
Supply current
Outputs open
80
mA
ICC1
(3)
3.
Measured with control bits set as follows: R = '1'; W, ST, FT = '0.'
Supply current (standby) TTL
E = VIH
3mA
ICC2
(3)
Supply current (standby) CMOS
E = VCC – 0.2 V
3
mA
VIL
Input low voltage
–0.3
0.8
V
VIH
Input high voltage
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
V
VOH
Output high voltage
IOH = –1 mA
2.4
V
AI00606
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
trec
tPD
tRB
tDR
VALID
VALID
NOTE
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com