Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02-70PC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T02-70PC1
Description  5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T02-70PC1 Datasheet HTML 1Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 2Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 3Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 4Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 5Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 6Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 7Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 8Page - STMicroelectronics M48T02-70PC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
June 2011
Doc ID 2410 Rev 9
1/25
1
M48T02
M48T12
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
Features
■ Integrated, ultra low power SRAM, real-time
clock, and power-fail control circuit
■ BYTEWIDE™ RAM-like clock access
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Typical clock accuracy of ±1 minute a month,
at 25 °C
■ Software controlled clock calibration for high
accuracy applications
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages
(VPFD = power-fail deselect voltage):
–M48T02: VCC = 4.75 to 5.5 V;
4.5 V
≤ VPFD ≤ 4.75 V
–M48T12: VCC = 4.5 to 5.5 V;
4.2 V
≤ VPFD ≤ 4.5 V
■ Self-contained battery and crystal in the
CAPHAT™ DIP package
■ Pin and function compatible with JEDEC
standard 2 K x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
24
1
PCDIP24
battery/crystal
CAPHAT™
www.st.com


Similar Part No. - M48T02-70PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02-70PC1 STMICROELECTRONICS-M48T02-70PC1 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T02-70PC1 STMICROELECTRONICS-M48T02-70PC1 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
M48T02-70PC1 STMICROELECTRONICS-M48T02-70PC1 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T02-70PC1 ARTSCHIP-M48T02-70PC1 Datasheet
6Mb / 21P
TIMEKEEPER SRAM
logo
STMicroelectronics
M48T02-70PC1TR STMICROELECTRONICS-M48T02-70PC1TR Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
More results

Similar Description - M48T02-70PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
07-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com