Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83SM6F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 29Page - STMicroelectronics M41T83SM6F Datasheet HTML 30Page - STMicroelectronics M41T83SM6F Datasheet HTML 31Page - STMicroelectronics M41T83SM6F Datasheet HTML 32Page - STMicroelectronics M41T83SM6F Datasheet HTML 33Page - STMicroelectronics M41T83SM6F Datasheet HTML 34Page - STMicroelectronics M41T83SM6F Datasheet HTML 35Page - STMicroelectronics M41T83SM6F Datasheet HTML 36Page - STMicroelectronics M41T83SM6F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
DocID012578 Rev 19
33/64
M41T82, M41T83
Clock operation
The on-chip capacitance can be calculated as follows:
CLOAD = 12.5 + [ACS:(AC6:AC0 value, decimal)] ● 0.125 pF
where ACS is the sign.
Examples:
ACAL (addr 12h) = 0
➔ CLOAD = 12.5 pF
ACAL = 10111100b
➔ CLOAD = 5 pF
ACAL = 00010100b
➔ CLOAD = 15 pF
With the analog calibration adjusted to its lowest value, the oscillator will see a minimum of
3.5 pF load capacitance as shown on the bottom row of Table 7.
Note:
These are typical values, and the total load capacitance seen by the crystal will include
approximately 1-2 pF of package and board capacitance in addition to the analog calibration
register value.
Any invalid value of analog calibration will result in the default capacitance of 25 pF (for CXI
and CXO).
Combining the digital adjustment range (–63 to +126 ppm) and analog adjustment range
(–15 to +95 ppm), the approximate overall adjustment range of the M41T82-83’s
timekeeping is –78 to +221 ppm.
Figure 19
represents a typical curve of clock ppm adjustment versus the analog calibration
value. Actual crystals may vary, so users should evaluate the crystals to be used with an
M41T82-83 device before establishing the adjustment values for a given application.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com