Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83SM6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 31Page - STMicroelectronics M41T83SM6F Datasheet HTML 32Page - STMicroelectronics M41T83SM6F Datasheet HTML 33Page - STMicroelectronics M41T83SM6F Datasheet HTML 34Page - STMicroelectronics M41T83SM6F Datasheet HTML 35Page - STMicroelectronics M41T83SM6F Datasheet HTML 36Page - STMicroelectronics M41T83SM6F Datasheet HTML 37Page - STMicroelectronics M41T83SM6F Datasheet HTML 38Page - STMicroelectronics M41T83SM6F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
DocID012578 Rev 19
35/64
M41T82, M41T83
Clock operation
Two methods are available for ascertaining how much calibration a given M41T8x may
require:
•
The first involves setting the clock, letting it run for a month and comparing it to a
known accurate reference and recording deviation over a fixed period of time. This
allows the designer to give the end user the ability to calibrate the clock as the
environment requires, even if the final product is packaged in a non-user serviceable
enclosure. The designer could provide a simple utility that accesses either or both of
the calibration bytes.
•
The second approach is better suited to a manufacturing environment, and uses the
512 Hz frequency test output. This is the IRQ1/FT/OUT pin on the M41T83, and the
FT/RST pin on the M41T82 (see Section 3.14 and Section 3.15 for more information on
enabling the FT output). The 512 Hz frequency test signal can be measured using a
highly accurate timing device such as a frequency counter. The measured value is then
compared to 512 Hz and the oscillator error in ppm is then determined.
Any deviation from 512 Hz indicates the degree and direction of oscillator frequency
shift at the test temperature. For example, a reading of 512.010124 Hz would indicate a
+20 ppm oscillator frequency error, requiring either a –10 (xx001010) to be loaded into
the digital calibration byte, or +6 pF (00011000) into the analog calibration byte for
correction.
Note:
Setting or changing the digital calibration byte does not affect the frequency test, square
wave, or watchdog timer frequency, but changing the analog calibration byte DOES affect
all functions derived from the low current oscillator (see Figure 20).
Figure 20. Clock divider chain and calibration circuits
AI11806c
Analog Calibration
Circuitry
Remainder of
Divider Circuit
1Hz Signal
512Hz Output
Frequency Test
32KHz
Low Current
Oscillator
CXI
CXO
÷64
÷64
÷2
Digital Calibration Circuitry
(divide by 511/512/513)
Clock
Counters
Square Wave
Watchdog Timer
8-bit Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com