Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83SM6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 33Page - STMicroelectronics M41T83SM6F Datasheet HTML 34Page - STMicroelectronics M41T83SM6F Datasheet HTML 35Page - STMicroelectronics M41T83SM6F Datasheet HTML 36Page - STMicroelectronics M41T83SM6F Datasheet HTML 37Page - STMicroelectronics M41T83SM6F Datasheet HTML 38Page - STMicroelectronics M41T83SM6F Datasheet HTML 39Page - STMicroelectronics M41T83SM6F Datasheet HTML 40Page - STMicroelectronics M41T83SM6F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
DocID012578 Rev 19
37/64
M41T82, M41T83
Clock operation
3.6
Optional second programmable alarm and user SRAM
When the alarm 2 enable (AL2E) bit (D1 of address 13h) is set to a logic 1, registers 14h
through 18h provide control for a second programmable alarm which operates in the same
manner as the alarm function described in Section 3.5. The AL2E bit defaults on initial
power-up to a logic 0 (alarm 2 disabled). In this mode, the five alarm 2 bytes (14h-18h)
function as additional user SRAM, for a total of 12 bytes of user SRAM.
With AL2E set to 1, the alarm is enabled, and will cause the AF2 bit to be set when the
alarm condition is met. On the M41T83, if the A2IE (alarm 2 interrupt enable) bit is set, an
interrupt will be asserted on IRQ2. The interrupt is de-asserted when the alarm flags are
cleared by reading the flags register (0Fh).
IRQ2 can be enabled in backup mode by setting ABE to 1 (in conjuction with setting A2IE).
3.7
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the watchdog
register, address 09h. Bits BMB4-BMB0 store a binary multiplier and the two lower order bits
RB1-RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1 second,
and 11 = 4 seconds. The amount of time-out is then determined to be the multiplication of
the five-bit multiplier value with the resolution. (For example: writing 00001110 in the
watchdog register = 3*1, or 3 seconds). If the processor does not reset the timer within the
specified period, the M41T8x sets the WDF (watchdog flag).
The watchdog timer is reset by writing to the watchdog register. The time-out period then
starts over.
M41T83 watchdog interrupt
On the M41T83, provided that the necessary configuration bits are set, the IRQ/FT/OUT
output will be asserted when the watchdog times out (see Section 3.14 for additional
conditions which apply).
Should the watchdog time out, to de-assert the IRQ1/FT/OUT output, the lower seven bits of
the watchdog register (09h) must be written. This will de-assert the output and re-initialize
the watchdog. Writing these seven bits to 0 will de-assert the output and disable the
watchdog.
Table 8. Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com