Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC08
Description  Quad dual-input and gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC08 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC08 Datasheet HTML 1Page - STMicroelectronics M74HC08 Datasheet HTML 2Page - STMicroelectronics M74HC08 Datasheet HTML 3Page - STMicroelectronics M74HC08 Datasheet HTML 4Page - STMicroelectronics M74HC08 Datasheet HTML 5Page - STMicroelectronics M74HC08 Datasheet HTML 6Page - STMicroelectronics M74HC08 Datasheet HTML 7Page - STMicroelectronics M74HC08 Datasheet HTML 8Page - STMicroelectronics M74HC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
M74HC08
Pin information
1
Pin information
Figure 1: Pin connections and IEC logic symbols
Table 2: Pin description
Pin number
Symbol
Name and function
1, 4, 9, 12
1A to 4A
Data inputs
2, 5, 10, 13
1B to 4B
Data inputs
3, 6, 8, 11
1Y to 4Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
DocID001885 Rev 2
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com