Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC08
Description  Quad dual-input and gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC08 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC08 Datasheet HTML 1Page - STMicroelectronics M74HC08 Datasheet HTML 2Page - STMicroelectronics M74HC08 Datasheet HTML 3Page - STMicroelectronics M74HC08 Datasheet HTML 4Page - STMicroelectronics M74HC08 Datasheet HTML 5Page - STMicroelectronics M74HC08 Datasheet HTML 6Page - STMicroelectronics M74HC08 Datasheet HTML 7Page - STMicroelectronics M74HC08 Datasheet HTML 8Page - STMicroelectronics M74HC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M74HC08
Quad dual-input and gate
Datasheet - production data
Features
High speed: tPD = 7 ns (typ.) at VCC = 6 V
Low power dissipation: ICC = 1 µA (max.) at
TA = 25 °C
High noise immunity: VNIH = VNIL = 28 % VCC
(min.)
Symmetrical output impedance: |IOH| = IOL =
4 mA (min)
Balanced propagation delays: tPLH ~= tPHL
Wide operating voltage range: VCC (OPR) =
2 V to 6 V
Pin and function compatible with 74 series
08
ESD performance
CDM: 1 kV
HBM: 2 kV
MM: 200 V
Description
The M74HC08 is a high-speed CMOS quad dual-
input and gate fabricated with silicon gate C
2MOS
technology.
The internal circuit is composed of two stages
including a buffer output which enables high
noise immunity and stable output.
All inputs are equipped with protection circuits to
guard against static discharge and transient
excess voltage.
Table 1: Device summary
Order code
Temperature
range
Package
Packaging
Marking
M74HC08YRM13TR
(1)
-40 °C to
+125 °C
SO14
(automotive
grade)
1
Tape and
reel
74HC08Y
M74HC08RM13TR
-55 °C to
+125 °C
SO14
Tape and
reel
74HC08
M74HC08TTR
-55 °C to
+125 °C
TSSOP14
Tape and
reel
HC08
M74HC08YTTR
1
-40 °C to
+125 °C
TSSOP14
(automotive
grade)
1
Tape and
reel
HC08Y
Notes:
(1)Qualification and characterization according to AEC Q100 and Q003 or equivalent,
advanced screening according to AEC Q001 and Q002 or equivalent.
TSSOP14
SOP14
October 2013
DocID001885 Rev 2
1/15
This is information on a product in full production.
www.st.com


Similar Part No. - M74HC08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
234Kb / 9P
QUAD 2-INPUT AND GATE
Dec-1992
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
M74HC08B1R STMICROELECTRONICS-M74HC08B1R Datasheet
234Kb / 9P
QUAD 2-INPUT AND GATE
Dec-1992
M74HC08B1R STMICROELECTRONICS-M74HC08B1R Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
M74HC08C1R STMICROELECTRONICS-M74HC08C1R Datasheet
234Kb / 9P
QUAD 2-INPUT AND GATE
Dec-1992
More results

Similar Description - M74HC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com